| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 269 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 269 Page - Freescale Semiconductor, Inc |
|
269 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 269 Operation: (M(SP)) ⇒ PPAGE (SP) + $0001 ⇒ SP (M(SP) : M(SP+1)) ⇒ PCH : PCL (SP) + $0002 ⇒ SP Description: Terminates subroutines in expanded memory invoked by the CALL instruction. Returns execution flow from the subroutine to the calling program. The program overlay page (PPAGE) register and the return address are restored from the stack; program execution continues at the restored address. For code compatibility purposes, CALL and RTC also execute correctly in devices that do not have expanded memory capability. RTC Return from Call RTC CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 RTC INH 0A uUnfPPP uUnPPP |