công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCE bảng dữ liệu(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCE
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCE bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button TMS320DM368ZCE Datasheet HTML 23Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 24Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 25Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 26Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 27Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 28Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 29Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 30Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
VREF
D11
A I/O
Video
VDDA18_DAC
Video DAC: Reference voltage for DAC.
DAC
For more details, see Section 6.12.2.4, DAC and
Video Buffer Electrical Data/Timing.
Note: If the DAC peripheral is not used, this pin must
be tied directly to VSS for proper device operation.
IREF
A11
A I/O
Video
VDDA18_DAC
Video DAC: Sets reference current for DAC. An
DAC
external resistor with nominal value, 2400 ohms, is
connected between IREF and VSS.
For more details, see Section 6.12.2.4, DAC and
Video Buffer Electrical Data/Timing.
Note: If the DAC peripheral is not used, this pin must
be tied directly to VSS for proper device operation.
IDACOUT
B11
A I/O
Video
VDDA18_DAC
Video DAC: Current source input from DAC. An
DAC
external resistor with nominal value, 2100 ohms, is
connected between IDACOUT and VFB.
For more details, see Section 6.12.2.4, DAC and
Video Buffer Electrical Data/Timing.
Note: If the DAC peripheral is not used at all in the
application, this pin can either be connected to VSS or
be left open.
VFB
B10
A I/O
Video
VDDA18_DAC
Video DAC: Amplifier feedback node. An external
DAC
resistor with nominal value, 2150 ohms, is connected
between VFB and TVOUT.
For more details, see Section 6.12.2.4, DAC and
Video Buffer Electrical Data/Timing.
Note: If the DAC peripheral is not used at all in the
application, this pin can either be connected to VSS or
be left open.
TVOUT
A10
A I/O
Video
VDDA18_DAC
Video DAC: DAC1video output. An external resistor
DAC
with nominal value, 2150 ohms, is connected
between TVOUT and VFB. This is the output node
that drives the load (75 ohms).
For more details, see Section 6.12.2.4, DAC and
Video Buffer Electrical Data/Timing.
Note: If the DAC peripheral is not used at all in the
application, this pin can either be connected to VSS or
be left open.
COMPY
B12
A O
Video
VDDA18_DAC
Video DAC: Analog video signal component output Y
DAC
Note: If the DAC peripheral is not used at all in the
application, this pin can either be connected to VSS or
be left open.
COMPPB
A12
A O
Video
VDDA18_DAC
Video DAC: Analog video signal component output
DAC
Pb
Note: If the DAC peripheral is not used at all in the
application, this pin can either be connected to VSS or
be left open.
COMPPR
C11
A O
Video
VDDA18_DAC
Video DAC: Analog video signal component output
DAC
Pr
Note: If the DAC peripheral is not used at all in the
application, this pin can either be connected to VSS or
be left open.
VDDA18_DAC
D10
PWR
Video
VDDA18_DAC
Video DAC: Analog 1.8-V power
DAC
Note: If the DAC peripheral is not used, this pin must
be tied directly to VSS for proper device operation.
VDDA12_DAC
E12
PWR
Video
VDDA12_DAC
Video DAC: Analog 1.2-V power
Dac
Note: If the DAC peripheral is not used, this pin must
be tied directly to VSS for proper device operation.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com