công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCE bảng dữ liệu(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCE
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCE bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TMS320DM368ZCE Datasheet HTML 19Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 20Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 21Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 22Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 23Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 24Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 25Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 26Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
Table 2-5. Pin Descriptions (continued)
Name
BGA
Type
Group
Power
IPU
Reset
Description(4)
ID
(1)
Supply(2)
IPD(3)
State
YIN3(6) / GIO99
A14
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[11]
GIO
YCC 16-bit: time multiplexed between luma: Y[03]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the lower channel. Y/CB/CR[03]
GIO: GIO[99]
YIN2(6) / GIO98
B15
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[10]
GIO
YCC 16-bit: time multiplexed between luma: Y[02]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the lower channel. Y/CB/CR[02]
GIO: GIO[98]
YIN1(6) / GIO97
D14
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[09]
GIO
YCC 16-bit: time multiplexed between luma: Y[01]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the lower channel. Y/CB/CR[01]
GIO: GIO[97]
YIN0(7) / GIO96
D15
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Standard ISIF Analog Front End (AFE): raw[08]
GIO
YCC 16-bit: time multiplexed between luma: Y[00]
YCC 08-bit (which allows for 2 simultaneous decoder
inputs), it is time multiplexed between luma and
chroma of the lower channel. Y/CB/CR[00]
GIO: GIO[96]
HD / GIO95
C14
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Horizontal synchronization signal that can be either
GIO
an input (slave mode) or an output (master mode).
Tells the ISIF when a new line starts.
GIO: GIO[95]
VD / GIO94
B14
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Vertical synchronization signal that can be either an
GIO
input (slave mode) or an output (master mode). Tells
the ISIF when a new frame starts.
GIO: GIO[94]
C_WE_FIELD /
E13
I/O
ISIF /
VDD_ISIF18_33
IPD
Input
Write enable input signal is used by external device
GIO93 / CLKOUT0
GIO /
(AFE/TG) to gate the DDR output of the ISIF module.
/ USBDRVVBUS
CLKOU
T / USB
Alternately, the field identification input signal is used
by external device (AFE/TG) to indicate the which of
two frames is input to the ISIF module for sensors
with interlaced output. ISIF handles 1- or 2-field
sensors in hardware.
GIO: GIO[93]
CLKOUT0: Clock Output
USB: Digital output to control external 5 V supply
PCLK
D13
I/O/Z
ISIF
VDD_ISIF18_33
IPD
Input
Pixel clock input (strobe for lines CI7 through YI0)
(7)
The Y input (YIN[7:0]) and C input (CIN[7:0]) buses can be swapped by programming the field bit YCINSWP in the VPFE CCD
Configuration (CCDCFG) register (0x01C7 0136h).
IF YCINSWP bit is 0 (default) YIN[7:0] = Y signal / CIN[7:0] = C signal .
IF YCINSWP bit is 1 YIN[7:0] = C signal / CIN[7:0] = Y signal
For more information, see the TMS320DM36x Video Processing Front End (VPFE) Reference Guide (literature number SPRUFG8).
Copyright © 2010, Texas Instruments Incorporated
Device Overview
23
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com