công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCE bảng dữ liệu(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCE
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCE bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TMS320DM368ZCE Datasheet HTML 8Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 9Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 10Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 11Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 12Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 13Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 14Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 15Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 208 page
background image
TMS320DM368
SPRS668A – APRIL 2010
www.ti.com
–
xD
–
SmartMedia
2.3.10 Peripherals
The ARM has access to all of the peripherals on the device.
2.3.11 ARM Interrupt Controller (AINTC)
The device ARM Interrupt Controller (AINTC) has the following features:
•
Supports up to 64 interrupt channels (16 external channels)
•
Interrupt mask for each channel
•
Each interrupt channel can be mapped to a Fast Interrupt Request (FIQ) or to an Interrupt Request
(IRQ) type of interrupt.
•
Hardware prioritization of simultaneous interrupts
•
Configurable interrupt priority (2 levels of FIQ and 6 levels of IRQ)
•
Configurable interrupt entry table (FIQ and IRQ priority table entry) to reduce interrupt processing time
The ARM core supports two interrupt types: FIQ and IRQ. See the ARM926EJ-S Technical Reference
Manual for detailed information about the ARM’s FIQ and IRQ interrupts. Each interrupt channel is
mappable to an FIQ or to an IRQ type of interrupt, and each channel can be enabled or disabled. The
INTC supports user-configurable interrupt-priority and interrupt entry addresses. Entry addresses minimize
the time spent jumping to interrupt service routines (ISRs). When an interrupt occurs, the corresponding
highest priority ISR’s address is stored in the INTC’s ENTRY register. The IRQ or FIQ interrupt routine can
read the ENTRY register and jump to the corresponding ISR directly. Thus, the ARM does not require a
software dispatcher to determine the asserted interrupt.
2.4
System Control Module
The system control module is a system-level module containing status and top-level control logic required
by the device. The system control module consists of a miscellaneous set of status and control registers,
accessible by the ARM and supporting all of the following system features and operations:
•
Device identification
•
Device configuration
–
Pin multiplexing control
–
Device boot configuration status
•
ARM interrupt and EDMA event multiplexing control
•
Special peripheral status and control
–
Timer64
–
USB PHY control
–
VPSS clock and video DAC control and status
–
DDR VTP control
–
Clockout circuitry
–
GIO de-bounce control
•
Power management
–
Deep sleep
•
Bandwidth Management
–
Bus master DMA priority control
For more information on the System Control Module refer to Section 3, Device Configurations and the
TMS320DM36x DMSoC ARM Subsystem Reference Guide (literature number SPRUFG5).
12
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com