công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCE bảng dữ liệu(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCE
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCE bảng dữ liệu(HTML) 71 Page - Texas Instruments

Back Button TMS320DM368ZCE Datasheet HTML 67Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 68Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 69Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 70Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 71Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 72Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 73Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 74Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
4
System Interconnect
The device uses a 64-bit crossbar architecture to control access between device processors, subsystems
and peripherals. There are eleven transfer masters (TCs have separate read and write connections)
connected to the crossbar; ARM, the Video Processing Subsystem (VPSS), the master peripherals (USB,
EMAC, HPI), and four EDMA transfer controllers. These can be connected to seven separate slave ports;
ARM, the DDR EMIF, CFG bus peripherals, MJCP, and HDVICP. Not all masters may connect to all
slaves. Connection paths are indicated by
√ at intersection points shown in Table 4-1.
Table 4-1. System Connection Matrix
SLAVE MODULE
DMA
ARM Internal
MPEG/JPEG
HD Video Image
Config Bus Registers
DDR EMIF
Master
Memory
Coprocessor
Coprocessor
and
Memory
Memory
Memory
Memory
ARM
√
√
√
√
√
VPSS
√
√
DMA Master Peripherals
√
√
(USB, EMAC, HPI)
EDMA3TC0
√
√
√
√
√
EDMA3TC1
√
√
√
√
√
EDMA3TC2
√
√
√
√
√
EDMA3TC3
√
√
√
√
√
Copyright © 2010, Texas Instruments Incorporated
System Interconnect
71
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com