công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCE bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCE
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCE bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TMS320DM368ZCE Datasheet HTML 12Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 13Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 14Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 15Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 16Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 17Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 18Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 19Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 208 page
background image
TMS320DM368
SPRS668A – APRIL 2010
www.ti.com
Table 2-4. ARM Configuration Bus Access to Peripherals (continued)
Address
IPIPEIF Registers
0x01C7 1200
0x01C7 12FF
768
Reserved
0x01C7 1400
0x01C7 17FF
768
FDIF Registers
0x01C7 1800
0x01C7 1BFF
1K
OSD Registers
0x01C7 1C00
0x01C7 1CFF
256
Reserved
0x01C7 1D00
0x01C7 1DFF
256
VENC Registers
0x01C7 1E00
0x01C7 1FFF
512
Reserved
0x01C7 2000
0x01CF FFFF
568K
Multimedia / SD 1
0x01D0 0000
0x01D0 1FFF
8K
McBSP
0x01D0 2000
0x01D0 3FFF
8K
Reserved
0x01D0 4000
0x01D0 5FFF
8K
UART1
0x01D0 6000
0x01D0 63FF
1K
Reserved
0x01D0 6400
0x01D0 7FFF
3K
EMAC Control Registers
0x01D0 7000
0x01D0 9FFF
0x01D0 7FFF
4K
EMAC Control Module RAM
0x01D0 8000
8K
EMAC Control Module Registers
0x01D0 A000
0x01D0 AFFF
4K
EMAC MDIO Control Registers
0x01D0 B000
0x01D0 B7FF
2K
Voice Codec
0x01D0 C000
0x01D0 C3FF
1K
Reserved
0x01D0 C400
0x01D0 FFFF
17K
ASYNC EMIF Control
0x01D1 0000
0x01D1 0FFF
4K
Multimedia / SD 0
0x01D1 1000
0x01D1 FFFF
60K
Reserved
0x01D2 0000
0x01D3 FFFF
128K
Reserved
0x01D4 0000
0x01DF FFFF
768K
Reserved
0x01E0 0000
0x01FF FFFF
2M
ASYNC EMIF Data (CE0)
0x0200 0000
0x03FF FFFF
32M
ASYNC EMIF Data (CE1)
0x0400 0000
0x05FF FFFF
32M
Reserved
0x0600 0000
0x09FF FFFF
64M
Reserved
0x0A00 0000
0x0FFF FFFF
96M
2.7
Pin Assignments
Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in
the smallest possible package. Pin multiplexing is controlled using a combination of hardware
configuration at device reset and software programmable register settings.
2.7.1
Pin Map (Bottom View)
Figure 2-2 through Figure 2-5 show the pin assignments in four quadrants (A, B, C, and D). Note that
micro-vias are not required.
16
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com