công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCE bảng dữ liệu(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCE
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCE bảng dữ liệu(HTML) 82 Page - Texas Instruments

Back Button TMS320DM368ZCE Datasheet HTML 78Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 79Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 80Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 81Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 82Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 83Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 84Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 85Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 208 page
background image
C1
C2
MXI1/CLKIN
MXO1
VSS_MX1
0.1 F
µ
L1
VDDA_PLL1
VSSA_PLL1
Crystal
19.2MHz
24MHzor
36MHz
0.1 F
µ
C
L
C
1C2
(C
1
C
2)
TMS320DM368
SPRS668A – APRIL 2010
www.ti.com
6.6
Oscillators and Clocks
The device has one oscillator input/output pair (MXI1/MXO1) usable with external crystals or ceramic
resonators to provide clock inputs. The optimal frequencies for the crystals are 19.2 MHz, 24 MHz, 27
MHz, and 36 MHz. Optionally, the oscillator inputs are configurable for use with external clock oscillators.
If external clock oscillators are used, to minimize the clock jitter, a single clean power supply should power
both the device and the external oscillator circuit and the minimum CLKIN rise and fall times must be
observed. The electrical requirements and characteristics are described in this section.
The timing parameters for CLKOUT[3:1] are also described in this section. The device has three output
clock pins (CLKOUT[3:1]). See Section 3.3 for more information on CLKOUT[3:1].
Note: Please ensure that the appropriate oscillator input pin (GIO81/OSCCFG) frequency range setting is
set correctly. For more details on this pin setting, see Section 3.7.6.
6.6.1
MXI1 Oscillator
The MXI1 (typically 24 MHz, can also be 19.2 MHz, 27 MHz, or 36 MHz) oscillator provides the primary
reference clock for the device. The on-chip oscillator requires an external crystal connected across the
MXI1 and MXO1 pins, along with two load capacitors, as shown in Figure 6-5. The external crystal load
capacitors must be connected only to the oscillator ground pin (VSS_MX1). Do not connect to board ground
(VSS). Also, the PLL power pin (VDDA_PLL1) should be connected to the power supply through a ferrite
bead, L1 in the example circuit shown in Figure 6-5.
Note: If an external oscillator is to be used, the external oscillator clock signal should be connected to the
MXI1 pin with a 1.8V amplitude. The MXO1 should be left unconnected and the VSS_MX1 signal should
be connected to board ground (Vss).
Figure 6-5. MXI1 Oscillator
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (MXI1 and MXO1) and to the VSS_MX1 pin.
82
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com