công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCE bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCE
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCE bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TMS320DM368ZCE Datasheet HTML 1Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 2Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 3Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 4Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 5Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 6Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 7Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 8Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
TMS320DM368
Digital Media System-on-Chip (DMSoC)
Check for Samples: TMS320DM368
1
TMS320DM368 Digital Media System-on-Chip (DMSoC)
1.1
Features
12
• Highlights
• ARM926EJ-S™ Core
– High-Performance Digital Media
– Support for 32-Bit and 16-Bit
System-on-Chip (DMSoC)
(Thumb® Mode) Instruction Sets
– 432-MHz ARM926EJ-S Clock Rate
– DSP Instruction Extensions and Single Cycle
MAC
– Two Video Image Co-processors
(HDVICP, MJCP) Engines
– ARM® Javelle® Technology
– Supports a Range of Encode, Decode, and
– Embedded ICE-RT Logic for Real-Time
Video Quality Operations
Debug
– Video Processing Subsystem
• ARM9 Memory Architecture
•
HW Face Detect Engine
– 16K-Byte Instruction Cache
•
Resize Engine from 1/16x to 8x
– 8K-Byte Data Cache
•
16-Bit Parallel AFE (Analog Front-End)
– 32K-Byte RAM
Interface Up to 120 MHz
– 16K-Byte ROM
•
4:2:2 (8-/16-bit) Interface
– Little Endian
•
3 DACs for HD Analog Video Output
• Two Video Image Co-processors
•
Hardware On-Screen Display (OSD)
(HDVICP, MJCP) Engines
– Capable of 1080p 30fps H.264 video
– Support a Range of Encode and Decode
processing
Operations
– Peripherals include EMAC, USB 2.0 OTG,
– H.264, MPEG4, MPEG2, MJPEG, JPEG,
DDR2/NAND, 5 SPIs, 2 UARTs, 2
WMV9/VC1
MMC/SD/SDIO, Key Scan
• Video Processing Subsystem
– 8 Different Boot Modes and Configurable
– Front End Provides:
Power-Saving Modes
•
HW Face Detect Engine
– Pin-to-pin and software compatible with
•
Hardware IPIPE for Real-Time Image
DM365
Processing
– Extended temperature (-40ºC – 85ºC)
–
Resize Engine
available
–
Resize Images From 1/16x to 8x
– 3.3-V and 1.8-V I/O, 1.35-V Core
–
Separate Horizontal/Vertical
– Debug Interface Support
Control
– 338-Pin Ball Grid Array at 65nm Process
–
Two Simultaneous Output Paths
Technology
•
IPIPE Interface (IPIPEIF)
• High-Performance Digital Media
•
Image Sensor Interface (ISIF) and CMOS
System-on-Chip (DMSoC)
Imager Interface
– 432-MHz ARM926EJ-S Clock Rate
•
16-Bit Parallel AFE (Analog Front End)
– 4:2:2 (8-/16-Bit) Interface
Interface Up to 120 MHz
– Capable of 1080p 30fps H.264 video
•
Glueless Interface to Common Video
processing
Decoders
– Pin compatible with DM365 processors
•
BT.601/BT.656/BT.1120 Digital YCbCr
– Fully Software-Compatible With ARM9™
4:2:2 (8-/16-Bit) Interface
– Extended temperature available for 432-Mhz
•
Histogram Module
device
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TMS320DM368ZCE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320DM368ZCE TI-TMS320DM368ZCE Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCE TI1-TMS320DM368ZCE Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCE TI1-TMS320DM368ZCE Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCE TI1-TMS320DM368ZCE Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCE48 TI1-TMS320DM368ZCE48 Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
More results

Mô tả tương tự - TMS320DM368ZCE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
Digital Media System-on-Chip(DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com