| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCE72010RGCT bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCE72010RGCT bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 73 page ![]() OUTPUT DIVIDERS SETTINGS CDCE72010 SCAS858A – JUNE 2008 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com The CDCE72010 has a complex multi stage output divider. The table below describes the setting of Bits 13:19 of Register 1 to 8 and the setting for the feedback divider bits 5:11 of register 11. The table below describes divider settings and the phase relation of the outputs with respect to divide by one clock. To calculate the phase relation between 2 different dividers see Output Divider and Phase Adjust Section in this document. Table 7. Output Dividers and Feedback Divide Settings and Phase Output FOR REGISTER 1 TO 8 RAM BITS {19[BIT6] TO DIVIDE BY 13[BIT0]} PHASE LAG FROM DIVIDE BY 1 TOTAL FOR REGISTER 11 RAM BITS {11[BIT6] TO 5[BIT0]} [Bit 6] [Bit 5] [Bit 4] [Bit 3] [Bit 2] [Bit 1] [Bit 0] Cycle Degree 0 1 0 0 0 0 0 1 0 0 1 0 0 0 0 0 0 2 0.5 180 1 0 0 0 0 0 1 3 0 0 1 0 0 0 0 1 0 4 0.5 180 1 0 0 0 0 1 1 5 0 0 0 0 0 0 0 0 0 4' 14.5 5220 0 0 0 0 0 0 1 6 21 7560 0 0 0 0 0 1 0 8 28.5 10260 0 0 0 0 0 1 1 10 35 12600 0 0 0 0 1 0 0 8' 16.5 5940 0 0 0 0 1 0 1 12 24 8640 0 0 0 0 1 1 0 16 32.5 11700 0 0 0 0 1 1 1 20 40 14400 0 0 0 1 0 0 0 12' 18.5 6660 0 0 0 1 0 0 1 18 27 9720 0 0 0 1 0 1 0 24 36.5 13140 0 0 0 1 0 1 1 30 45 16200 0 0 0 1 1 0 0 16' 20.5 7380 0 0 0 1 1 0 1 24' 30 10800 0 0 0 1 1 1 0 32 40.5 14580 0 0 0 1 1 1 1 40 50 18000 0 0 1 0 0 0 0 20' 22.5 8100 0 0 1 0 0 0 1 30' 33 11880 0 0 1 0 0 1 0 40' 44.5 16020 0 0 1 0 0 1 1 50 55 19800 0 0 1 0 1 0 0 24' 24.5 8820 0 0 1 0 1 0 1 36 36 12960 0 0 1 0 1 1 0 48 48.5 17460 0 0 1 0 1 1 1 60 60 21600 0 0 1 1 0 0 0 28 26.5 9540 0 0 1 1 0 0 1 42 39 14040 0 0 1 1 0 1 0 56 52.5 18900 0 0 1 1 0 1 1 70 65 23400 0 0 1 1 1 0 0 32' 28.5 10260 0 0 1 1 1 0 1 48' 42 15120 0 0 1 1 1 1 0 64 56.5 20340 0 0 1 1 1 1 1 80 70 25200 34 Submit Documentation Feedback Copyright © 2008–2009, Texas Instruments Incorporated Product Folder Link(s): CDCE72010 |