| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT697F bảng dữ liệu(PDF) 135 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F bảng dữ liệu(HTML) 135 Page - ATMEL Corporation |
|
135 / 155 page ![]() AT697F ADVANCE INFORMATION 135 7703C–AERO–6/09 Timing Diagrams - Will be updated for production release Diagram List • Clock Input without PLL • Clock Input with PLL • Reset Sequence • Fetch, Read and Write from/to 32-bit PROM - 0 Waitstate • Fetch, Read and Write from/to 32-bit PROM - n Waitstates • Fetch, Read and Write from/to 32-bit PROM - n Waitstates + BRDY* • Fetch from 8-bit PROM with EDAC disabled - n Waitstates • Word Write to 8-bit PROM with EDAC disabled - n Waitstates • Byte and Half Word Write to 8-bit PROM with EDAC disabled - n Waitstates • Fetch from 8-bit PROM with EDAC enabled - n Waitstates • Fetch, Read and Write from/to 32-bit SRAM - 0 Waitstate • Fetch, Read and Write from/to 32-bit SRAM - n Waitstates • Burst of RAM Fetches and RAM Write Sequence - 0 Waitstate • Burst of RAM Fetches and RAM Write Sequence - n Waitstates • SDRAM Read (or Fetch) with Precharge - Burst length = 1; CL = 3 • SDRAM Write with Precharge - Burst length = 1; CL = 3 • Fetch from ROM, Read and Write from/to 32-bit I/O - 0 Waitstate • Fetch from ROM, Read and Write from/to 32-bit I/O - n Waitstates • Fetch from ROM, Read and Write from/to 32-bit I/O - n Waitstates + BRDY* |