| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT697F bảng dữ liệu(PDF) 121 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F bảng dữ liệu(HTML) 121 Page - ATMEL Corporation |
|
121 / 155 page ![]() Table 111. PCI Burst End Register - PCIBE Address = 0x80000174 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 dat[31:0] r/w xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx Bit Number Mnemonic Description 31..0 dat[31:0] Last data of a burst in APB mode Table 112. PCI DMA Address Register - PCIDMAA Address = 0x80000178 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 addr[31:0] r/w xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx Bit Number Mnemonic Description 31..0 addr[31:0] Defines the start address of a DMA transaction Table 113. PCI Arbiter Register - PCIA Address = 0x80000280 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 reserved p3 p2 p1 p0 r r r/w r/w r/w 0x0000 000 1 1 1 1 Bit Number Mnemonic Description 3 p3 Round robin level for agent 3 2 p2 Round robin level for agent 2 1 p1 Round robin level for agent 1 0 p0 Round robin level for agent 0 AT697F ADVANCE INFORMATION 121 7703C–AERO–6/09 |