| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX515CJM6C bảng dữ liệu(PDF) 160 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX515CJM6C bảng dữ liệu(HTML) 160 Page - Freescale Semiconductor, Inc |
|
160 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 160 Freescale Semiconductor Preliminary—Subject to Change Without Notice Package Information and Contact Assignments 4.2.2.2 19 × 19 mm, Signal Assignments, Power Rails, and I/O Table 114 displays an alpha-sorted list of the signal assignments including power rails. VDD_ANA_PLL_B W19 VDD_DIG_PLL_A U6 VDD_DIG_PLL_B W18 VDD_FUSE R7 VDDA G8, H8, H12, M8, P16, T13 VDDA33 L18 VDDGP F6, F7, F8, F9, F10, F11, F12, G6, G7, H7, J7, K7 VREFOUT U15 VREF R5 VREG K21 Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 AUD3_BB_CK C8 NVCC_PER9 GPIO Input Keeper AUD3_BB_FS A9 NVCC_PER9 GPIO Input Keeper AUD3_BB_RXD B9 NVCC_PER9 GPIO Input Keeper AUD3_BB_TXD E9 NVCC_PER9 GPIO Input Keeper BOOT_MODE0 AB21 NVCC_PER3 LVIO Input 100 k Ω pull-up BOOT_MODE1 AB22 NVCC_PER3 LVIO Input 100 k Ω pull-up CKIH1 V19 NVCC_PER3 Analog Input Analog CKIH2 AA20 NVCC_PER3 Analog Input Analog CKIL Y16 NVCC_SRTC_POW GPIO Input Standard CMOS CLK_SS AA21 NVCC_PER3 LVIO Input 100 k Ω pull-up COMP Y17 AHVDDRGB Analog Input Analog CSI1_D10 R22 NVCC_HS10 HSGPIO Input Keeper CSI1_D11 R23 NVCC_HS10 HSGPIO Input Keeper CSI1_D12 P22 NVCC_HS10 HSGPIO Input Keeper CSI1_D13 P23 NVCC_HS10 HSGPIO Input Keeper CSI1_D14 M20 NVCC_HS10 HSGPIO Input Keeper Table 113. 19 × 19 mm Ground, Power, Sense, and Reference Contact Assignments (continued) Contact Name Contact Assignment |