| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX515CJM6C bảng dữ liệu(PDF) 146 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX515CJM6C bảng dữ liệu(HTML) 146 Page - Freescale Semiconductor, Inc |
|
146 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 146 Freescale Semiconductor Preliminary—Subject to Change Without Notice Package Information and Contact Assignments DRAM_D30 G2 NVCC_EMI_DRAM DDR2 Output High DRAM_D31 F1 NVCC_EMI_DRAM DDR2 Output High DRAM_D4 AA3 NVCC_EMI_DRAM DDR2 Output High DRAM_D5 AA4 NVCC_EMI_DRAM DDR2 Output High DRAM_D6 Y3 NVCC_EMI_DRAM DDR2 Output High DRAM_D7 Y4 NVCC_EMI_DRAM DDR2 Output High DRAM_D8 Y1 NVCC_EMI_DRAM DDR2 Output High DRAM_D9 Y2 NVCC_EMI_DRAM DDR2 Output High DRAM_DQM0 V1 NVCC_EMI_DRAM DDR2 Output High DRAM_DQM1 V2 NVCC_EMI_DRAM DDR2 Output High DRAM_DQM2 M4 NVCC_EMI_DRAM DDR2 Output High DRAM_DQM3 N2 NVCC_EMI_DRAM DDR2 Output High DRAM_RAS N3 NVCC_EMI_DRAM DDR2 Output High DRAM_SDCKE0 N1 NVCC_EMI_DRAM DDR2 Output High DRAM_SDCKE1 L1 NVCC_EMI_DRAM DDR2 Output High DRAM_SDCLK M1 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDCLK_B M2 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS0 W3 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS0_B W4 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS1 W2 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS1_B W1 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS2 K3 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS2_B K4 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS3 K2 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDQS3_B K1 NVCC_EMI_DRAM DDR2CLK Output High DRAM_SDWE M3 NVCC_EMI_DRAM DDR2 Output High EIM_A162 Y12 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A172 AE6 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A182 Y13 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A192 AE7 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A202 Y6 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_A212 AD6 NVCC_EMI GPIO Input 100 k Ω pull-up Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |