| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL28L92 bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL28L92 bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 61 page ![]() 3.3.1.4 Mode Register 0 Channel B (MR0B) 3.3.1.5 Mode Register 1 Channel B (MR1B) 3.3.1.6 Mode Register 2 Channel B (MR2B) 3.3.2 Clock Select Registers 3.3.2.1 Clock Select Register Channel A (CSRA) TL28L92 3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter www.ti.com SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008 MR0B (address 0x8) is accessed when the channel B MR pointer points to MR1. The pointer is set to MR0 by RESET or by a set pointer command applied via CRB. After reading or writing MR0B, the pointer will point to MR1B. The bit definitions for this register are identical to MR0A, except the FIFO size bit and that all control actions apply to the channel B receiver, transmitter, the corresponding inputs and outputs. MR0B[2:0] are reserved. MR1B (address 0x8) is accessed when the channel B MR pointer points to MR1. The pointer is set to MR1 by RESET or by a set pointer command applied via CRB. After reading or writing MR1B, the pointer will point to MR2B. The bit definitions for this register are identical to MR1A, except that all control actions apply to the channel B receiver and transmitter and the corresponding inputs and outputs. MR2B (address 0x8) is accessed when the channel B MR pointer points to MR2, which occurs after any access to MR1B. Accesses to MR2B do not change the pointer. The bit definitions for mode register are identical to the bit definitions for MR2A, except that all control actions apply to the channel B receiver and transmitter and the corresponding inputs and outputs. Table 3-30. Clock Select Register Channel A (CSRA) (Address 0x1) and Clock Select Register Channel B (CSRB) (Address 0x9) Bit Allocation 7 6 5 4 3 2 1 0 receiver clock select code transmitter clock select code Table 3-31. Clock Select Register Channel A (CSRA) (Address 0x1) Bit Description BIT(S) SYMBOL DESCRIPTION 7 to 4 – Receiver clock select. The baud rate clock for the channel A receiver is as shown in Table 3-32, except as follows: 1110 = IP4 – 16 × 1111 = IP4 – 1 × The receiver clock is always a 16 × clock except for CSRA[7:4] = 1111 3 to 0 – Transmitter clock select. The baud rate clock for the channel A transmitter is as shown in Table 3-32, except as follows: 1110 = IP3 – 16 × 1111 = IP3 – 1 × The transmitter clock is always a 16 × clock except for CSRA[3:0] = 1111 Submit Documentation Feedback Programming 31 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |