công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL28L92 bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL28L92
Giải thích chi tiết về linh kiện  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 25Page - Texas Instruments TL28L92 Datasheet HTML 26Page - Texas Instruments TL28L92 Datasheet HTML 27Page - Texas Instruments TL28L92 Datasheet HTML 28Page - Texas Instruments TL28L92 Datasheet HTML 29Page - Texas Instruments TL28L92 Datasheet HTML 30Page - Texas Instruments TL28L92 Datasheet HTML 31Page - Texas Instruments TL28L92 Datasheet HTML 32Page - Texas Instruments TL28L92 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
www.ti.com
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
Table 3-27. Mode Register 2 Channel A (MR2A) (Address 0x0) Bit Description
BIT(S)
SYMBOL
DESCRIPTION
7 and 6
Channel A mode select. Each channel of the DUART can operate in one of the following four modes:
00 = Normal mode (default)
01 = Automatic echo mode
10 = Local loopback mode
11 = Remote loopback mode
Table 3-28 gives a description of the channel modes.
The user must exercise care when switching into and out of the various modes. The selected mode will be
activated immediately upon mode selection, even if this occurs in the middle of a received or transmitted
character. Likewise, if a mode is deselected the device will switch out of the mode immediately. An
exception to this is switching out of auto echo or remote loopback modes: if the deselection occurs just after
the receiver has sampled the stop bit (indicated in auto echo by assertion of RxRDY), and the transmitter is
enabled, the transmitter will remain in auto echo mode until the entire stop has been retransmitted.
5
Channel A transmitter request to send (RTS) control.
0 = No RTS control
1 = RTS control
This bit controls the deactivation of the RTSAN output (OP0) by the transmitter. This output is normally
asserted by setting OPR[0] and negated by resetting OPR[0]. MR2A[5] = 1 caused OPR[0] to be reset
automatically one bit time after the characters in the channel A transmit shift register and in the Tx FIFO, if
any, are completely transmitted including the programmed number of stop bits, if the transmitter is not
enabled.
This feature can be used to automatically terminate the transmission of a message as follows (line
turnaround):
1.
Program auto-reset mode: MR2A[5] = 1
2.
Enable transmitter
3.
Assert RTSAN: OPR[0] = 1
4.
Send message
5.
Disable transmitter after the last character is loaded into the channel A Tx FIFO
6.
The last character will be transmitted and OPR[0] will be reset one bit time after the last stop bit, causing
RTSAN to be negated
4
Channel A transmitter clear to send (CTS) control.
0 = Input CTSAN(IP0) has no effect on the transmitter
1 = CTS control enabled
If this bit is a 1, the transmitter checks the state of CTSAN (IP0) each time it is ready to send a character. If
IP0 is asserted (LOW), the character is transmitted. If it is negated (HIGH), the TxDA output remains in the
marking state and the transmission is delayed until CTSAN goes LOW. Changes in CTSAN while a
character is being transmitted do not affect the transmission of that character.
3 to 0
Stop bit length select. This field programs the length of the stop bit appended to the transmitted character.
Stop bit lengths of 9/16 to 1 and 1 –
9/
16 to 2 bits, in increments of
1/
16 bit, can be programmed for character
lengths of 6, 7, and 8 bits. For a character lengths of 5 bits, 1 – 1/16 to 2 stop bits can be programmed in
increments of 1/16 bit. In all cases, the receiver only checks for a mark condition at the center of the stop bit
position (one half-bit time after the last data bit, or after the parity bit if enabled is sampled). Refer to
Table 3-29 for the values.
If an external 1
× clock is used for the transmitter:
MR2A[3] = 0 selects one stop bit
MR2A[3] = 1 selects two stop bits
Submit Documentation Feedback
Programming
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com