công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL28L92 bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL28L92
Giải thích chi tiết về linh kiện  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 11Page - Texas Instruments TL28L92 Datasheet HTML 12Page - Texas Instruments TL28L92 Datasheet HTML 13Page - Texas Instruments TL28L92 Datasheet HTML 14Page - Texas Instruments TL28L92 Datasheet HTML 15Page - Texas Instruments TL28L92 Datasheet HTML 16Page - Texas Instruments TL28L92 Datasheet HTML 17Page - Texas Instruments TL28L92 Datasheet HTML 18Page - Texas Instruments TL28L92 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
2
Functional Description
2.1
Block Diagram
2.1.1
Data Bus Buffer
2.1.2
Operation Control
2.1.3
Interrupt Control
2.1.4
FIFO Configuration
2.1.5
68xxx Mode
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
www.ti.com
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
The TL28L92 DUART consists of the following eight major sections: data bus buffer, operation control,
interrupt control, timing, communications channels A and B, input port and output port. See Figure 1-1 and
Figure 1-2.
The data bus buffer provides the interface between the external and internal data buses. It is controlled by
the operation control block to allow read and write operations to take place between the controlling CPU
and the DUART.
The operation control logic receives operation commands from the CPU and generates appropriate
signals to internal sections to control device operation. It contains address decoding and read and write
circuits to permit communications with the microprocessor via the data bus.
A single active LOW interrupt output (INTRN) is provided which is activated upon the occurrence of any of
eight internal events. Associated with the interrupt system are the Interrupt Mask Register (IMR) and the
Interrupt Status Register (ISR). The IMR can be programmed to select only certain conditions to cause
INTRN to be asserted. The ISR can be read by the CPU to determine all currently active interrupting
conditions. Outputs OP3 to OP7 can be programmed to provide discrete interrupt outputs for the
transmitter, receivers, and counter/timer. When OP3 to OP7 are programmed as interrupts, their output
buffers are changed to the open-drain active LOW configuration. The OP pins may be used for DMA and
modem control as well (see Section 3.4).
Each receiver and transmitter has a 16 byte FIFO. These FIFOs may be configured to operate at a fill
capacity of either 8 bytes or 16 bytes. This feature may be used if it is desired to operate the TL28L92 in
strict compliance with the SC26C92. The 8 byte or 16 byte mode is controlled by the MR0A[3] bit. A logic
0 value for this bit sets the 8-bit mode (the default); a logic 1 sets the 16 byte mode. MR0A bit 3 sets the
FIFO size for both channels.
The FIFO fill interrupt level automatically follow the programming of the MR0A[3] bit. See Table 3-22 and
Table 3-23.
When the I/M pin is connected to GND (ground), the operation of the TL28L92 switches to the bus
interface compatible with the Motorola bus interfaces. Several of the pins change their function as follows:
• IP6 becomes IACKN input
• RDN becomes DACKN
• WRN becomes R/WN
The interrupt vector is enabled and the interrupt vector will be placed on the data bus when IACKN is
asserted LOW. The interrupt vector register is located at address 0xC. The contents of this register are set
to 0x0F on the application of RESETN.
The generation of DACKN uses two positive edges of the X1 clock as the DACKN delay from the falling
edge of CEN. If the CEN is withdrawn before two edges of the X1 clock occur, the generation of DACKN
is terminated. Systems not strictly requiring DACKN may use the 68xxx mode with the bus timing of the
80xxx mode greatly decreasing the bus cycle time.
Submit Documentation Feedback
Functional Description
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com