công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL28L92 bảng dữ liệu(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL28L92
Giải thích chi tiết về linh kiện  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 8Page - Texas Instruments TL28L92 Datasheet HTML 9Page - Texas Instruments TL28L92 Datasheet HTML 10Page - Texas Instruments TL28L92 Datasheet HTML 11Page - Texas Instruments TL28L92 Datasheet HTML 12Page - Texas Instruments TL28L92 Datasheet HTML 13Page - Texas Instruments TL28L92 Datasheet HTML 14Page - Texas Instruments TL28L92 Datasheet HTML 15Page - Texas Instruments TL28L92 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
www.ti.com
Table 1-1. PIN DESCRIPTION FOR 80xxx INTERFACE (continued)
TERMINAL
TYPE
DESCRIPTION
QFP (FR)
QFN (RGZ)
NAME
PIN NO.
PIN NO.
OP7
10
12
O
Output 7: General-purpose output, or channel B open-drain, active LOW, TxB
interrupt ISR[4] output.
IP0
2
2
I
Input 0: General purpose input or channel A clear to send active LOW input
(CTSAN).
IP1
43
47
I
Input 1: General purpose input or channel B clear to send active LOW input
(CTSBN).
IP2
34
38
I
Input 2: General-purpose input or counter/timer external clock input.
IP3
41
45
I
Input 3: General purpose input or channel A transmitter external clock input (TxCA).
When the external clock is used by the transmitter, the transmitted data is clocked on
the falling edge of the clock.
IP4
37
41
I
Input 4: General purpose input or channel A receiver external clock input (RxCA).
When the external clock is used by the receiver, the received data is sampled on the
rising edge of the clock.
IP5
36
40
I
Input 5: General purpose input or channel B transmitter external clock input (TxCB).
When the external clock is used by the transmitter, the transmitted data is clocked on
the falling edge of the clock.
IP6
35
39
I
Input 6: General purpose input or channel B receiver external clock input (RxCB).
When the external clock is used by the receiver, the received data is sampled on the
rising edge of the clock.
VCC
38, 39
42
Pwr
Power supply: 3.3 V
± 10% or 5 V ± 10 % supply input.
General Description
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com