công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL28L92 bảng dữ liệu(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL28L92
Giải thích chi tiết về linh kiện  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 22Page - Texas Instruments TL28L92 Datasheet HTML 23Page - Texas Instruments TL28L92 Datasheet HTML 24Page - Texas Instruments TL28L92 Datasheet HTML 25Page - Texas Instruments TL28L92 Datasheet HTML 26Page - Texas Instruments TL28L92 Datasheet HTML 27Page - Texas Instruments TL28L92 Datasheet HTML 28Page - Texas Instruments TL28L92 Datasheet HTML 29Page - Texas Instruments TL28L92 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
3.3
Register Descriptions
3.3.1
Mode Registers
3.3.1.1 Mode Register 0 Channel A (MR0A)
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
www.ti.com
Table 3-19. Output Port Configuration Register (OPCR)(1)
7
6
5
4
3
2
1
0
configure OP7
configure OP6
configure OP5
configure OP4
configure OP3
configure OP2
configure OP1
configure OP0
(1)
OP1 and OP0 are the RTSN output and are controlled by the MR register
Table 3-20. Mode Register 0 Channel A (MR0A) (Address 0x0) Bit Allocation(1)
7
6
5
4
3
2
1
0
BAUDRATE
BAUDRATE
RxWATCHDOG
RxINT[2]
TxINT[1:0]
FIFOSIZE
TEST2
EXTENDED II
EXTENDED I
(1)
MR0 is accessed by setting the MR pointer to logic 0 via the command register command B.
Table 3-21. Mode Register 0 Channel A (MR0A) (Address 0x0) Bit Description
BIT(S)
SYMBOL
DESCRIPTION
7
RxWATCHDOG
This bit controls the receiver watchdog timer.
0 = disable
1 = enable
When enabled, the watchdog timer will generate a receiver interrupt if the receiver FIFO has not been
accessed within 64 bit times of the receiver 1
× clock. The watchdog timer is used to alert the control
processor that data is in the Rx FIFO that has not been read. This situation will occur when the byte count
of the last part of a message is not large enough to generate an interrupt. The watchdog timer presents
itself as a receiver interrupt with the RxRDY bit set in SR and ISR.
6
RxINT[2]
Bit 2 of receiver FIFO interrupt level. This bit along with bit 6 of MR1 sets the fill level of the FIFO that
generates the receiver interrupt. Note that this control is split between MR0 and MR1. This is for
backward compatibility to the SC2692. For the receiver these bits control the number of FIFO positions
filled when the receiver will attempt to interrupt. After the reset the receiver FIFO is empty. The default
setting of these bits cause the receiver to attempt to interrupt when it has one or more bytes in it; see
Table 3-22
5 and 4
TxINT[1:0]
Transmitter interrupt fill level. For the transmitter these bits control the number of FIFO positions empty
when the receiver will attempt to interrupt; see Table 3-23. After the reset the transmit FIFO has 8 bytes
empty. It will then attempt to interrupt as soon as the transmitter is enabled. The default setting
(TxINT[1:0] = 00) condition the transmitter to attempt to interrupt only when it is completely empty. As
soon as one byte is loaded, it is no longer empty and hence will withdraw its interrupt request.
3
FIFOSIZE
FIFO size for channel A and channel B. Selects the FIFO depth at 8-byte or 16-byte.
0 = 8 bytes
1 = 16 bytes
2
BAUDRATE
Bits MR0[2:0] are used to select one of the six baud rate groups. See Table 3-32 for the group
EXTENDED I
organization.
1
TEST2
000 = Normal mode
0
BAUDRATE
001 = Extended mode I
EXTENDED II
100 = Extended mode II
Other combinations of MR0[2:0] should not be used.
Programming
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com