công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL28L92 bảng dữ liệu(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL28L92
Giải thích chi tiết về linh kiện  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 37Page - Texas Instruments TL28L92 Datasheet HTML 38Page - Texas Instruments TL28L92 Datasheet HTML 39Page - Texas Instruments TL28L92 Datasheet HTML 40Page - Texas Instruments TL28L92 Datasheet HTML 41Page - Texas Instruments TL28L92 Datasheet HTML 42Page - Texas Instruments TL28L92 Datasheet HTML 43Page - Texas Instruments TL28L92 Datasheet HTML 44Page - Texas Instruments TL28L92 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
3.3.12 Interrupt Mask Register (IMR)
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
www.ti.com
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
Table 3-55. Interrupt Status Register (ISR) (Address 0x5) Bit Description
BIT(S)
SYMBOL
DESCRIPTION
7
Input port change status.
0 = not active
1 = active
This bit is a logic 1 when a change of state has occurred at the IP0, IP1, IP2, or IP3 inputs and that event
has been selected to cause an interrupt by the programming of ACR[3:0]. The bit is cleared when the CPU
reads the IPCR.
6
Channel B change in break.
0 = not active
1 = active
This bit, when set, indicates that the channel B receiver has detected the beginning or the end of a received
break. It is reset when the CPU issues a channel B reset break change interrupt command.
5
RxRDYB
RxB interrupt.
0 = not active
1 = active
This bit indicates that the channel B receiver is interrupting according to the fill level programmed by the
MR0 and MR1 registers or the watchdog timer has timed-out. This bit has a different meaning than the
receiver ready/full bit in the status register.
4
TxRDYB
TxB interrupt.
0 = not active
1 = active
This bit indicates that the channel B transmitter is interrupting according to the interrupt level programmed in
the MR0[5:4] bits. This bit has a different meaning than the TxRDY bit in the status register.
3
Counter ready.
0 = not active
1 = active
In the counter mode, this bit is set when the counter reaches terminal count and is reset when the counter is
stopped by a stop counter command. In the timer mode, this bit is set once each cycle of the generated
square wave (every other time that the counter/timer reaches zero count). The bit is reset by a stop counter
command. The command, however, does not stop the counter/timer.
2
Channel A change in break.
0 = not active
1 = active
This bit, when set, indicates that the channel A receiver has detected the beginning or the end of a received
break. It is reset when the CPU issues a channel A reset break change interrupt command.
1
RxRDYA
RxA interrupt.
0 = not active
1 = active
This bit indicates that the channel A receiver is interrupting according to the fill level programmed by the
MR0 and MR1 registers or the watchdog timer has timed-out. This bit has a different meaning than the
receiver ready/full bit in the status register.
0
TxRDYA
TxA interrupt.
0 = not active
1 = active
This bit indicates that the channel A transmitter is interrupting according to the interrupt level programmed in
the MR0[5:4] bits. This bit has a different meaning than the TxRDY bit in the status register.
The programming of this register selects which bits in the ISR causes an interrupt output. If a bit in the
ISR is a logic 1 and the corresponding bit in the IMR is also a logic 1 the INTRN output will be asserted. If
the corresponding bit in the IMR is a zero, the state of the bit in the ISR has no effect on the INTRN
output. Note that the IMR does not mask the programmable interrupt outputs OP3 to OP7 or the reading
of the ISR.
Table 3-56. Interrupt Mask Register (IMR) (Address 0x5) Bit Allocation
7
6
5
4
3
2
1
0
input port
change break
RxRDYB
RxRDYA
TxRDYB
counter ready
change break A
TxRDYA
change
B
FFULLB
FFULLA
Submit Documentation Feedback
Programming
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com