công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL28L92 bảng dữ liệu(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL28L92
Giải thích chi tiết về linh kiện  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 44Page - Texas Instruments TL28L92 Datasheet HTML 45Page - Texas Instruments TL28L92 Datasheet HTML 46Page - Texas Instruments TL28L92 Datasheet HTML 47Page - Texas Instruments TL28L92 Datasheet HTML 48Page - Texas Instruments TL28L92 Datasheet HTML 49Page - Texas Instruments TL28L92 Datasheet HTML 50Page - Texas Instruments TL28L92 Datasheet HTML 51Page - Texas Instruments TL28L92 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
www.ti.com
DYNAMIC CHARACTERISTICS FOR 5-V OPERATION (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock Timing (see Figure 5-9)
tCLK
X1/CLK HIGH or LOW time
30
20
ns
fCLK
X1/CLK frequency
0.1(1)
3.686
8
MHz
C/T clock (IP2) HIGH or LOW time
tCTC
30
10
(C/T external clock input)
fCTC
C/T clock (IP2) frequency
0(1)
8
MHz
tRX
RxC HIGH or LOW time
16
×
30
10
ns
16
×
0(1)
16
fRX
RxC frequency
MHz
1
×(2)
0(1)
1
tTX
TxC HIGH or LOW time
16
×
30
10
ns
16
×
16
fTX
TxC frequency
MHz
1
×(2)
0(2)
1
Transmitter Timing, External Clock (see Figure 5-10)
tTXD
TxD output delay from TxC LOW (TxC input pin)
40
60
ns
Output delay from TxC output pin LOW to TxD
tTCS
6
30
ns
data output
Receiver Timing, External Clock (see Figure 5-11)
tRXS
RxD data set-up time to RxC HIGH
50
40
ns
tRXH
RxD data hold time from RxC HIGH
50
40
ns
68xxx or Motorola Bus Timing (see Figure 5-3, Figure 5-4, and Figure 5-5)(3)
tDCR
DACKN LOW (read cycle) from X1 HIGH
15
35
ns
tDCW
DACKN LOW (write cycle) from X1 HIGH
15
35
ns
DACKN high-impedance from CEN or IACKN
tDAT
8
10
ns
HIGH
CEN or IACKN set-up time to X1 HIGH for
tCSC
16
8
ns
minimum DACKN cycle
(1)
Minimum frequencies are not tested but are ensured by design.
(2)
Clocks for 1
× mode should maintain a 60/40 duty cycle or better.
(3)
Minimum DACKN time is ((tDCR or tDCW) tCSC + 2 X1 edges + rise time over 5 ns). Two X1 edges is 273 ns at 3.6864 MHz. For faster
bus cycles, the 80xxx bus timing may be used while in the 68xxx mode. It is not necessary to wait for DACKN to insure the proper
operation of the SC28C92. In all cases the data will be written to the TL28L92 on the falling edge of DACKN or the rise of CEN. The fall
of CEN initializes the bus cycle. The rise of CEN ends the bus cycle. DACKN LOW or CEN HIGH completes the write cycle.
Electrical Specifications
48
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com