công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL28L92 bảng dữ liệu(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL28L92
Giải thích chi tiết về linh kiện  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button TL28L92 Datasheet HTML 40Page - Texas Instruments TL28L92 Datasheet HTML 41Page - Texas Instruments TL28L92 Datasheet HTML 42Page - Texas Instruments TL28L92 Datasheet HTML 43Page - Texas Instruments TL28L92 Datasheet HTML 44Page - Texas Instruments TL28L92 Datasheet HTML 45Page - Texas Instruments TL28L92 Datasheet HTML 46Page - Texas Instruments TL28L92 Datasheet HTML 47Page - Texas Instruments TL28L92 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
3.4
Output Port Notes
3.5
CTS, RTS, CTS Enable Tx Signals
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
www.ti.com
The output ports are controlled from four places: the OPCR register, the OPR register, the MR registers
and the command register. The OPCR register controls the source of the data for the output ports OP2 to
OP7. The data source for output ports OP0 and OP1 is controlled by the MR and CR registers. When the
OPR is the source of the data for the output ports, the data at the ports is inverted from that in the OPR
register.
The content of the OPR register is controlled by the Set Output Port bits command and the Reset Output
Port bits command. These commands are at 0xE and 0xF, respectively. When these commands are used,
action takes place only at the bit locations where ones exist. For example, a logic 1 in bit location 5 of the
data word used with the Set Output Port bits command will result in OPR5 being set to one. The OP5
would then be set to logic 0 (VSS). Similarly, a logic 1 in bit position 5 of the data word associated with the
Reset Output Ports bits command would set OPR5 to logic 0 and, hence, the pin OP5 to a logic 1 (VDD).
Clear To Send (CTS) is usually meant to be a signal to the transmitter meaning that it may transmit data
to the receiver. The CTS input is on pin IP0 for TxA and on IP1 for TxB. The CTS signal is active LOW;
thus, it is called CTSAN for TxA and CTSBN for TxB. RTS is usually meant to be a signal from the
receiver indicating that the receiver is ready to receive data. It is also active LOW and is, thus, called
RTSAN for RxA and RTSBN for RxB. RTSAN is on pin OP0 and RTSBN is on OP1. A receiver’s RTS
output will usually be connected to the CTS input of the associated transmitter. Therefore, one could say
that RTS and CTS are different ends of the same wire.
MR2[4] is the bit that allows the transmitter to be controlled by the CTS pin (IP0 or IP1). When this bit is
set to one AND the CTS input is driven HIGH, the transmitter will stop sending data at the end of the
present character being serialized. It is usually the RTS output of the receiver that will be connected to the
transmitter’s CTS input. The receiver will set RTS HIGH when the receiver FIFO is full AND the start bit of
the 9th or 17th character is sensed. Transmission then stops with 9 or 17 valid characters in the receiver.
When MR2[4] is set to one, CTSN must be at zero for the transmitter to operate. If MR2[4] is set to zero,
the IP pin will have no effect on the operation of the transmitter. MR1[7] is the bit that allows the receiver
to control OP0. When OP0 (or OP1) is controlled by the receiver, the meaning of that pin will be.
44
Programming
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com