| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2454 bảng dữ liệu(PDF) 1196 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 bảng dữ liệu(HTML) 1196 Page - Renesas Technology Corp |
|
1196 / 1376 page ![]() Section 25 Power-Down Modes Rev. 1.00 Sep. 19, 2008 Page 1166 of 1342 REJ09B0467-0100 Table 25.1 Operating Modes and Internal states of the LSI Operating State High Speed Mode Clock Division Mode Sleep Mode Module Stop Function All Module Clocks Stop Mode Software Standby Mode Hardware Standby Mode Clock pulse generator Operating Operating Operating Operating Operating Stopped Stopped Instruction execution Stopped Stopped Stopped CPU Register Operating Operating Retained Operating Stopped Retained Undefined NMI External interrupts IRQ0 to 15* 1 Operating Operating Operating Operating Operating Operating Stopped Peripheral functions WDT Operating Operating Operating Operating Operating Stopped (Retained) Stopped (Reset) TMR Operating Operating Operating Stopped (Retained) Operating/ Stopped (Retained)* 2 Stopped (Retained) Stopped (Reset) EXDMAC* 3 Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) DMAC Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) DTC Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) TPU Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) PPG Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) D/A Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) A/D Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) SCI Operating Operating Operating Stopped* 4 (Reset/ retained) Stopped* 4 (Reset/ retained) Stopped* 4 (Reset/ retained) Stopped (Reset) IIC2 Operating Operating Operating Stopped* 4 *5 (Reset/ retained) Stopped* 4 *5 (Reset/ retained) Stopped* 4 *5 (Reset/ retained) Stopped (Reset) SSU Operating Operating Operating Stopped (Reset) Stopped (Reset) Stopped (Reset) Stopped (Reset) USB Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) RAM Operating Operating Operating Stopped (Retained) Operating Retained Retained |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |