công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1193 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1193 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1189Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1190Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1191Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1192Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1193Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1194Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1195Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1196Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1193 / 1376 page
background image
Section 24 Clock Pulse Generator
Rev. 1.00 Sep. 19, 2008 Page 1163 of 1342
REJ09B0467-0100
24.5
Usage Notes
24.5.1
Notes on Clock Pulse Generator
1. The following points should be noted since the frequency of
φ changes according to the
settings of PLLCR.
Select a clock division ratio that is within the operation guaranteed range of clock cycle time
tcyc shown in the AC timing of the Electrical Characteristics. In other words,
φ must be set to
a value between 8 MHz (minimum) and 33 MHz (maximum). The setting of
φ must not be less
than 8 MHz or greater than 33 MHz.
2. All the on-chip peripheral modules operate on the
φ. Therefore, note that the time processing
of modules such as a timer and SCI differ before and after changing the clock division ratio. In
addition, wait time for clearing software standby mode differs by changing the clock division
ratio. See the description, Setting Oscillation Stabilization Time after Clearing Software
Standby Mode in section 25.2.3, Software Standby Mode, for details.
3. Note that the frequency of
φ will be changed when setting PLLCR while executing the external
bus cycle with the write-data-buffer function.
24.5.2
Notes on Resonator
Since various characteristics related to the resonator are closely linked to the user’s board design,
thorough evaluation is necessary on the user’s part, using the resonator connection examples
shown in this section as a guide. As the parameters for the oscillation circuit will depend on the
floating capacitance of the resonator and the user board, the parameters should be determined in
consultation with the resonator manufacturer. The design must ensure that a voltage exceeding the
maximum rating is not applied to the resonator pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com