công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1197 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1197 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1193Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1194Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1195Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1196Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1197Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1198Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1199Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1200Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1197 / 1376 page
background image
Section 25 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1167 of 1342
REJ09B0467-0100
Operating State
High
Speed
Mode
Clock
Division
Mode
Sleep
Mode
Module
Stop
Function
All Module
Clocks Stop
Mode
Software
Standby
Mode
Hardware
Standby
Mode
Peripheral
functions
I/O
Operating
Operating
Operating
Operating
Retained
Retained
High
impedance
Notes:
Stopped (Retained) in the table means that internal register values are retained and
internal operations are suspended.
Stopped (Reset) in the table means that internal register values and internal states are
initialized.
In module stop function, only modules for which a stop setting has been made are
stopped (reset or retained).
1. IRQ8 to IRQ15 are not supported by the H8S/2454 group.
2. The active or stopped state can be selected by means of the MSTP0 bit in MSTPCR.
3. Not supported by the H8S/2454 group.
4. TDR, SSR, and RDR are stopped (reset) and other registers are stopped (retained).
5. BC2 to BC0 are stopped (reset) and other registers are stopped (retained).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com