công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1199 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1199 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1195Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1196Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1197Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1198Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1199Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1200Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1201Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1202Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1199 / 1376 page
background image
Section 25 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1169 of 1342
REJ09B0467-0100
25.1
Register Descriptions
The registers relating to the power-down mode are shown below. For details on the PLL control
register (PLLCR), see section 24.1.2, PLL Control Register (PLLCR).
• PLL control register (PLLCR)
• Standby control register (SBYCR)
• Module stop control register H (MSTPCRH)
• Module stop control register L (MSTPCRL)
• Extension module stop control register H (EXMSTPCRH)
• Extension module stop control register L (EXMSTPCRL)
• RAM module stop control register H (RMMSTPCRH)
• RAM module stop control register L (RMMSTPCRL)
25.1.1
Standby Control Register (SBYCR)
SBYCR performs software standby mode control.
Bit
Bit Name
Initial Value
R/W
Description
7
SSBY
0
R/W
Software Standby
This bit specifies the transition mode after
executing the SLEEP instruction
0: Shifts to sleep mode after the SLEEP
instruction is executed
1: Shifts to software standby mode after the
SLEEP instruction is executed
This bit does not change from 1 when clearing the
software standby mode by using external
interrupts and shifting to normal operation. This bit
should be written 0 when clearing.
6
OPE
1
R/W
Output Port Enable
Specifies whether the output of the address bus
and bus control signals (
CS0 to CS7, AS, RD,
HWR, LWR, UCAS, LCAS) is retained or set to the
high-impedance state in software standby mode.
0: In software standby mode, address bus and bus
control signals are high-impedance
1: In software standby mode, address bus and bus
control signals retain output state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com