công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 967 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 967 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 963Page - Renesas Technology Corp H8S/2454 Datasheet HTML 964Page - Renesas Technology Corp H8S/2454 Datasheet HTML 965Page - Renesas Technology Corp H8S/2454 Datasheet HTML 966Page - Renesas Technology Corp H8S/2454 Datasheet HTML 967Page - Renesas Technology Corp H8S/2454 Datasheet HTML 968Page - Renesas Technology Corp H8S/2454 Datasheet HTML 969Page - Renesas Technology Corp H8S/2454 Datasheet HTML 970Page - Renesas Technology Corp H8S/2454 Datasheet HTML 971Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 937 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
EP2 DMAE
0
R/W
EP2 DMA Transfer Enable
When this bit is set, DMA transfer is enabled from
memory to the endpoint 2 transmit FIFO buffer. If
there is at least one byte of open space in the FIFO
buffer, a DMA transfer request signal (USB INTN1) is
asserted. In DMA transfer, when 64 bytes are written
to the FIFO buffer the EP2 packet enable bit is set
automatically, allowing 64 bytes of data to be
transferred, and if there is still space in the other side
of the two FIFOs, the DMA transfer request signal
(USB INTN1) is asserted again. However, if the size
of the data packet to be transmitted is less than 64
bytes, the EP2 packet enable bit is not set
automatically, and so should be set by the CPU with a
DMA transfer end interrupt.
As EP2-related interrupt requests to the CPU are not
automatically masked, interrupt requests should be
masked as necessary in the interrupt enable register.
• Operating procedure
1. Write of 1 to the EP2 DMAE bit in DMAR
2. Set the DMAC to activate through
DREQ1
(USB INTN1)
3. Transfer count setting in the DMAC
4. DMAC activation
5. DMA transfer
6. DMA transfer end interrupt generated
See section 16.8.4, DMA Transfer for Endpoints 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com