công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 965 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 965 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 961Page - Renesas Technology Corp H8S/2454 Datasheet HTML 962Page - Renesas Technology Corp H8S/2454 Datasheet HTML 963Page - Renesas Technology Corp H8S/2454 Datasheet HTML 964Page - Renesas Technology Corp H8S/2454 Datasheet HTML 965Page - Renesas Technology Corp H8S/2454 Datasheet HTML 966Page - Renesas Technology Corp H8S/2454 Datasheet HTML 967Page - Renesas Technology Corp H8S/2454 Datasheet HTML 968Page - Renesas Technology Corp H8S/2454 Datasheet HTML 969Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 965 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 935 of 1342
REJ09B0467-0100
16.3.26
Stall Status Register 1 (STLSR1)
Bits 2 to 0 in STLSR1 are status bits that indicate the internal stall state of each endpoint (internal
status bits shown in figures 16.19 and 16.20). When a bit is 1, the corresponding endpoint is in
stall state. When a bit is 0, the corresponding endpoint is in normal operation state. Since these
bits are status bits, they cannot be cleared.
Bits 6 to 4 in STLSR1 are used to enable automatic stall clear for each endpoint.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
Reserved
This bit is always read as 0. The write value should
always be 0.
6
EP3 ASCE
0
R/W
EP3 Automatic Stall Clear Enable
Setting the EP3 ASCE bit to 1 automatically clears the
EP3 stall setting bit (the EP3 STLS bit in EPSTL1)
after the stall handshake is returned to the host.
When the EP3 ASCE bit is set to 0, the stall setting bit
is not automatically cleared and must be cleared by
the users. To enable the automatic stall clear function,
make sure that the EP3 ASCE bit should be set to 1
before the EP3 STLS bit in EPSTL1 is set to 1.
5
EP2 ASCE
0
R/W
EP2 Automatic Stall Clear Enable
Setting the EP2 ASCE bit to 1 automatically clears the
EP2 stall setting bit (the EP2 STLS bit in EPSTL1)
after the stall handshake is returned to the host.
When the EP2 ASCE bit is set to 0, the stall setting bit
is not automatically cleared and must be cleared by
the users. To enable the automatic stall clear function,
make sure that the EP2 ASCE bit should be set to 1
before the EP2 STLS bit in EPSTL1 is set to 1.
4
EP1 ASCE
0
R/W
EP1 Automatic Stall Clear Enable
Setting the EP1 ASCE bit to 1 automatically clears the
EP1 stall setting bit (the EP1 STLS bit in EPSTL1)
after the stall handshake is returned to the host.
When the EP1 ASCE bit is set to 0, the stall setting bit
is not automatically cleared and must be cleared by
the users. To enable the automatic stall clear function,
make sure that the EP1 ASCE bit should be set to 1
before the EP1 STLS bit in EPSTL1 is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com