công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 966 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 966 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 962Page - Renesas Technology Corp H8S/2454 Datasheet HTML 963Page - Renesas Technology Corp H8S/2454 Datasheet HTML 964Page - Renesas Technology Corp H8S/2454 Datasheet HTML 965Page - Renesas Technology Corp H8S/2454 Datasheet HTML 966Page - Renesas Technology Corp H8S/2454 Datasheet HTML 967Page - Renesas Technology Corp H8S/2454 Datasheet HTML 968Page - Renesas Technology Corp H8S/2454 Datasheet HTML 969Page - Renesas Technology Corp H8S/2454 Datasheet HTML 970Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 966 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 936 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
0
Reserved
This bit is always read as 0. The write value should
always be 0.
2
EP3 STLST 0
R
EP3 internal stall state
1
EP2 STLST 0
R
EP2 internal stall state
0
EP1 STLST 0
R
EP1 internal stall state
16.3.27
DMA Transfer Setting Register (DMAR)
DMA transfer can be carried out between the data registers for endpoints 1 and 2 and memory by
means of the on-chip direct memory access controller (DMAC). Dual address transfer is
performed in bytes. To start DMA transfer, DMAC settings must be made in addition to the
settings in this register.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
0
0
0
Reserved
These bits are always read as 0. The write value
should always be 0.
4
0
R/W
Reserved
The write value should always be 0.
3
0
R/W
Reserved
The write value should always be 0.
2
0
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com