công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 963 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 963 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 959Page - Renesas Technology Corp H8S/2454 Datasheet HTML 960Page - Renesas Technology Corp H8S/2454 Datasheet HTML 961Page - Renesas Technology Corp H8S/2454 Datasheet HTML 962Page - Renesas Technology Corp H8S/2454 Datasheet HTML 963Page - Renesas Technology Corp H8S/2454 Datasheet HTML 964Page - Renesas Technology Corp H8S/2454 Datasheet HTML 965Page - Renesas Technology Corp H8S/2454 Datasheet HTML 966Page - Renesas Technology Corp H8S/2454 Datasheet HTML 967Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 963 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 933 of 1342
REJ09B0467-0100
16.3.24
Endpoint Stall Register 0 (EPSTL0)
Bit 0 in EPSTL0 is used to forcibly stall endpoint 0 on the application side. While the bit is set to
1, the corresponding endpoint returns a stall handshake to the host. Bit 4 is used to clear the stall
setting in bit 0. Writing 1 to the EP0 stall setting bit and stall clear bit at the same time is
prohibited.
The stall bit for endpoint 0 is cleared automatically on reception of 8-byte setup command data for
which decoding is performed by firmware the EP0 STLS bit is cleared. When the SETUPTS flag
in the IFR1 is set to 1, writing 1 to the EP0 STLS bit is ignored. For detailed operation, see section
16.7, Stall Operations.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
0
0
0
Reserved
These bits are always read as 0. The write value
should always be 0.
4
EP0 STLC
0
W
EP0 Stall Clear
Writing 1 to this bit clears the EP0 STLS bit to 0.
Writing 0 is ignored.
3
2
1
0
0
0
Reserved
These bits are always read as 0. The write value
should always be 0.
0
EP0 STLS
0
R/W
EP0 Stall Setting
Writing 1 to this bit specifies a stall for EP0. Writing 0
is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com