công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 970 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 970 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 966Page - Renesas Technology Corp H8S/2454 Datasheet HTML 967Page - Renesas Technology Corp H8S/2454 Datasheet HTML 968Page - Renesas Technology Corp H8S/2454 Datasheet HTML 969Page - Renesas Technology Corp H8S/2454 Datasheet HTML 970Page - Renesas Technology Corp H8S/2454 Datasheet HTML 971Page - Renesas Technology Corp H8S/2454 Datasheet HTML 972Page - Renesas Technology Corp H8S/2454 Datasheet HTML 973Page - Renesas Technology Corp H8S/2454 Datasheet HTML 974Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 970 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 940 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial
Value
R/W
Description
4
RWUPS
0
R
Remote Wakeup Status
This status bit indicates remote wakeup command
from USB host is enabled or disabled.
This bit is set to 0 when remote wakeup command
from UBM host is disabled by
Device_Remote_Wakeup due to Set Feature or Clear
Feature request. This bit is set to 1 when remote
wakeup command is enabled.
3
RSME
0
R/W
Resume Enable
This bit releases the suspend state (or executes
remote wakeup). When RSME is set to 1, resume
request starts. If RSME is once set to 1, clear this bit
to 0 again afterwards. In this case, the value 1 set to
RSME must be kept for at least one clock period of
12-MHz clock.
2
PWMD
0
R/W
Bus Power Mode
This bit specifies the USB power mode. When PWMD
is set to 0, the self-power mode is selected for this
module. When set to 1, the bus-power mode is
selected.
1
EP0 ASCE
0
R/W
EP0 Automatic Stall Clear Enable
Setting the EP0 ASCE bit to 1 automatically clears the
EP0 stall setting bit (the EP0 STLS bit in EPSTL0)
after the stall handshake is returned to the host.
When the EP0 ASCE bit is set to 0, the stall setting bit
is not automatically cleared and must be cleared by
the users. To enable the automatic stall clear function,
make sure that the EP0 ASCE bit should be set to 1
before the EP0 STLS bit in EPSTL0 is set to 1.
0
PRTRST
1
R/W
Protocol Processing Block Reset
0: The protocol processing block is placed in
operation state.
1: The protocol processing block is placed in reset
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com