công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 671 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 671 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 667Page - Renesas Technology Corp H8S/2454 Datasheet HTML 668Page - Renesas Technology Corp H8S/2454 Datasheet HTML 669Page - Renesas Technology Corp H8S/2454 Datasheet HTML 670Page - Renesas Technology Corp H8S/2454 Datasheet HTML 671Page - Renesas Technology Corp H8S/2454 Datasheet HTML 672Page - Renesas Technology Corp H8S/2454 Datasheet HTML 673Page - Renesas Technology Corp H8S/2454 Datasheet HTML 674Page - Renesas Technology Corp H8S/2454 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 641 of 1342
REJ09B0467-0100
10.15.4
Port G Open Drain Control Register (PGODR)
PGODR specifies the output type of each port G pin.
Bit
Bit Name
Initial Value
R/W
Description
7
0
Reserved
This bit is always read as 0. Only the initial value
should be written to this bit.
6
PG6ODR
0
R/W
5
PG5ODR
0
R/W
4
PG4ODR
0
R/W
3
PG3ODR
0
R/W
2
PG2ODR
0
R/W
1
PG1ODR
0
R/W
0
PG0ODR
0
R/W
When not specified for
BACK-A, BREQO-A, CS0,
CS1, CS2, CS3, CS4, RAS2, RAS3, RAS, or CAS
output, setting a PGODR bit to 1 makes the
corresponding pin an NMOS open-drain output pin,
while clearing a PGODR bit to 0 makes the
corresponding pin a CMOS output pin.
10.15.5
Pin Functions
Port G pins also function as the pins for JTAG inputs and bus control signal I/Os. The
correspondence between the register specification and the pin functions is shown below.
• PG6/BREQ-A/TDI*1
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit BRLE in BCR of the bus controller, bit BREQS in PFCR4, and bit
PG6DDR.
Operating mode
1, 2, 4
7
EXPE
0
1
BRLE
BREQS
BRLE = 0 or
BRLE = 1 and
BREQS = 1
BRLE = 1
and
BREQS = 0
BRLE = 0 or
BRLE = 1 and
BREQS = 1
BRLE = 1
and
BREQS = 0
PG6DDR
0
1
0
1
0
1
PG6
input
PG6
output
BREQ-A
input
PG6
input
PG6
output
PG6
input
PG6
output
BREQ-A input
Pin function
TDI input*
2
Notes: 1. Supported only in the 145-pin package.
2. TDI input when BSCANE pin = 1 in the 145-pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com