công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 669 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 669 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 665Page - Renesas Technology Corp H8S/2454 Datasheet HTML 666Page - Renesas Technology Corp H8S/2454 Datasheet HTML 667Page - Renesas Technology Corp H8S/2454 Datasheet HTML 668Page - Renesas Technology Corp H8S/2454 Datasheet HTML 669Page - Renesas Technology Corp H8S/2454 Datasheet HTML 670Page - Renesas Technology Corp H8S/2454 Datasheet HTML 671Page - Renesas Technology Corp H8S/2454 Datasheet HTML 672Page - Renesas Technology Corp H8S/2454 Datasheet HTML 673Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 639 of 1342
REJ09B0467-0100
10.15
Port G
Port G is a 7-bit I/O port that also has other functions. Port G has the following registers.
• Port G data direction register (PGDDR)
• Port G data register (PGDR)
• Port G register (PORTG)
• Port function control register 0 (PFCR0)
• Port function control register 4 (PFCR4)
• Port G open drain control register (PGODR)
10.15.1
Port G Data Direction Register (PGDDR)
The individual bits of PGDDR specify input or output for the pins of port G. PGDDR cannot be
read; if it is, an undefined value will be read.
Bit
Bit Name
Initial Value
R/W
Description
7
0
Reserved
6
PG6DDR
0
W
5
PG5DDR
0
W
4
PG4DDR
0
W
3
PG3DDR
0
W
2
PG2DDR
0
W
1
PG1DDR
0
W
0
PG0DDR
1/0*
W
• Modes 7 (when EXPE = 1), 1, 2, and 4
Pins PG6 to PG4 function as bus control
input/output pins (
BREQO, BACK, and BREQ)
when the appropriate bus controller settings are
made. Otherwise, these pins are I/O ports, and
their functions can be switched with PGDDR.
When the
CS output enable bits (CS3E to CS0E)
are set to 1, pins PG3 to PG0 function as
CS
output pins when the corresponding PGDDR bit is
set to 1, and as input ports when the bit is cleared
to 0. When the
CS output enable bits (CS3E to
CS0E) are cleared to 0, pins PG3 to PG0 are I/O
ports, and their functions can be switched with
PGDDR.
• Mode 7 (when EXPE = 0)
Pins PG6 to PG0 are I/O ports, and their functions
can be switched with PGDDR.
Note:
*
PG0DDR is initialized to 1 in modes 1 and 2, and to 0 in modes 4 and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com