công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 675 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 675 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 671Page - Renesas Technology Corp H8S/2454 Datasheet HTML 672Page - Renesas Technology Corp H8S/2454 Datasheet HTML 673Page - Renesas Technology Corp H8S/2454 Datasheet HTML 674Page - Renesas Technology Corp H8S/2454 Datasheet HTML 675Page - Renesas Technology Corp H8S/2454 Datasheet HTML 676Page - Renesas Technology Corp H8S/2454 Datasheet HTML 677Page - Renesas Technology Corp H8S/2454 Datasheet HTML 678Page - Renesas Technology Corp H8S/2454 Datasheet HTML 679Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 645 of 1342
REJ09B0467-0100
10.16
Port H
Note:
Port H is not supported in the H8S/2454 Group.
Port H is a 4-bit I/O port that also has other functions. Port H has the following registers. For the
port function control registers, refer to section 10.18, Port Function Control Registers.
• Port H data direction register (PHDDR)
• Port H data register (PHDR)
• Port H register (PORTH)
• Port function control register 0 (PFCR0)
• Port function control register 2 (PFCR2)
• Port H open drain control register (PHODR)
10.16.1
Port H Data Direction Register (PHDDR)
The individual bits of PHDDR specify input or output for the pins of port H. PHDDR cannot be
read; if it is, an undefined value will be read.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
Reserved
3
PH3DDR
0
W
2
PH2DDR
0
W
1
PH1DDR
0
W
0
PH0DDR
0
W
• Modes 7 (when EXPE = 1), 1, 2, and 4
When the
OE output enable bit (OEE) and OE
output select bit (OES) are set to 1, pin PH3
functions as the
OE output pin. Otherwise, when
bit CS7E is set to 1, pin PH3 functions as the
CS7
output pin when bit PH3DDR is set to 1, and as an
input port when the bit is cleared to 0. When bit
CS7E is cleared to 0, pin PH3 is an I/O port, and
its function can be switched with bit PH3DDR.
When areas 2 to 5 are specified as continuous
SDRAM space*,
OE output is CKE output.
When bit CS6E is set to 1, setting bit PH2DDR to
1 makes pin PH2 function as the
CS6 output pin,
and clearing the bit to 0 makes the pin function as
an I/O port. When bit CS6E is cleared to 0, pin
PH2 is an I/O port, and its function can be
switched with bit PH2DDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com