công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38063M2AFP bảng dữ liệu(PDF) 31 Page - Renesas Technology Corp

tên linh kiện M38063M2AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M2AFP bảng dữ liệu(HTML) 31 Page - Renesas Technology Corp

Back Button M38063M2AFP Datasheet HTML 27Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 28Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 29Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 30Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 31Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 32Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 33Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 34Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
MITSUBISHI MICROCOMPUTERS
3806 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
30
Processor Modes
Single-chip mode, memory expansion mode, and microprocessor
mode can be selected by changing the contents of the processor
mode bits CM0 and CM1 (bits 0 and 1 of address 003B16). In
memory expansion mode and microprocessor mode, memory can
be expanded externally through ports P0 to P3. In these modes,
ports P0 to P3 lose their I/O port functions and become bus pins.
Fig. 28 Memory maps in various processor modes
Fig. 29 Structure of CPU mode register
Single-Chip Mode
Select this mode by resetting the microcomputer with CNVSS con-
nected to VSS.
Memory Expansion Mode
Select this mode by setting the processor mode bits to “01” in soft-
ware with CNVSS connected to VSS. This mode enables external
memory expansion while maintaining the validity of the internal
ROM. Internal ROM will take precedence over external memory if
addresses conflict.
Microprocessor Mode
Select this mode by resetting the microcomputer with CNVSS con-
nected to VCC, or by setting the processor mode bits to “10” in
software with CNVSS connected to VSS. In microprocessor mode,
the internal ROM is no longer valid and external memory must be
used.
Port Name
Port P0
Port P1
Port P2
Port P3
Function
Outputs low-order byte of address.
Outputs high-order byte of address.
Operates as I/O pins for data D7 to D0
(including instruction codes).
P30 and P31 function only as output pins
(except that the port latch cannot be read).
_____
P32 is the ONW input pin.
_________
P33 is the RESETOUT output pin. (Note)
P34 is the
φ output pin.
P35 is the SYNC output pin.
___
P36 is the WR output pin, and P37 is the
___
RD output pin.
Note: If CNVSS is connected to VSS, the microcomputer goes to
single-chip mode after a reset, so this pin cannot be used
_________
as the RESETOUT output pin.
Table 2.
Functions of ports in memory expansion mode and
microprocessor mode
000016
004016
000816
000016
YYYY16
FFFF16
000816
004016
FFFF16
Internal RAM
reserved area
Internal ROM
Memory expansion mode
The shaded areas are external memory areas.
SFR area
:
YYYY16 is the start address of internal ROM.
SFR area
Microprocessor mode
V
Internal RAM
reserved area
044016
V
044016
b0
CPU mode register
(CPUM : address 003B16)
Processor mode bits
0 0 : Single-chip mode
0 1 : Memory expansion mode
1 0 : Microprocessor mode
1 1 : Not available
Stack page selection bit
0 : 0 page
1 : 1 page
b7
Not used (return “0” when read)
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com