công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38063M2AFP bảng dữ liệu(PDF) 41 Page - Renesas Technology Corp

tên linh kiện M38063M2AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M2AFP bảng dữ liệu(HTML) 41 Page - Renesas Technology Corp

Back Button M38063M2AFP Datasheet HTML 37Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 38Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 39Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 40Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 41Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 42Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 43Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 44Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
40
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
_____
Before
φ ONW input set up time
_____
After
φ ONW input hold time
Before
φ data bus set up time
After
φ data bus hold time
___ _____
Before RD ONW input set up time
___ _____
Before WR ONW input set up time
___ _____
After RD ONW input hold time
___ _____
After WR ONW input hold time
___
Before RD data bus set up time
___
After RD data bus hold time
____
tsu(ONW–
φ)
____
th(
φ–ONW)
tsu(DB–
φ)
th(
φ–DB)
____ __
tsu(ONW–RD)
____ ___
tsu(ONW–WR)
__
____
th(RD–ONW)
___ ____
th(WR–ONW)
__
tsu(DB–RD)
__
th(RD–DB)
Symbol
Parameter
Limits
Min.
ns
ns
ns
ns
Unit
–20
–20
180
0
–20
–20
185
0
Typ.
Max.
φ clock cycle time
φ clock “H” pulse width
φ clock “L” pulse width
After
φ AD15–AD8 delay time
After
φ AD15–AD8 valid time
After
φ AD7–AD0 delay time
After
φ AD7–AD0 valid time
SYNC delay time
SYNC valid time
___
___
RD and WR delay time
___
___
RD and WR valid time
After
φ data bus delay time
After
φ data bus valid time
___
___
RD pulse width, WR pulse width
___
___
RD pulse width, WR pulse width
(when one-wait is valid)
___
After AD15–AD8 RD delay time
___
After AD15–AD8 WR delay time
___
After AD7–AD0 RD delay time
___
After AD7–AD0 WR delay time
___
After RD AD15–AD8 valid time
___
After WR AD15–AD8 valid time
___
After RD AD7–AD0 valid time
___
After WR AD7–AD0 valid time
___
After WR data bus delay time
___
After WR data bus valid time
_________
RESETOUT output delay time (Note 1)
_________
RESETOUT output valid time (Note 1)
Symbol
Parameter
Limits
Min.
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
tc(XIN)–20
tc(XIN)–20
10
10
3
15
tc(XIN)–20
3tc(XIN)–20
tc(XIN)–145
tc(XIN)–145
5
5
10
0
2tc(XIN)
15
150
150
200
195
300
300
25
15
15
40
20
15
7
10
10
Typ.
Max.
tc(
φ)
twH(
φ)
twL(
φ)
td(
φ–AH)
tv(
φ–AH)
td(
φ–AL)
tv(
φ–AL)
td(
φ–SYNC)
tv(
φ–SYNC)
___
td(
φ–WR)
___
tv(
φ–WR)
td(
φ–DB)
tv(
φ–DB)
__
twL(RD)
___
twL(WR)
__
td(AH–RD)
___
td(AH–WR)
__
td(AL–RD)
___
td(AL–WR)
__
tv(RD–AH)
___
tv(WR–AH)
__
tv(RD–AL)
___
tv(WR–AL)
___
td(WR–DB)
___
tv(WR–DB)
___ _____
td(RESET–RESETOUT)
_____
tv(
φ–RESET)
Test conditions
Fig. 32
Note1:
__________
The RESETOUT output goes “H” in sync with the fall of the
φ clock that is anywhere between about 8 cycle and 13 cycles after
______
the RESET input goes “H”.
TIMING REQUIREMENTS 2 IN MEMORY EXPANSION MODE AND MICROPROCESSOR MODE
(VCC = 3.0 V, VSS = 0 V, Ta = –20 to 85
°C, unless otherwise noted)
SWITCHING CHARACTERISTICS 2 IN MEMORY EXPANSION MODE AND MICROPROCESSOR MODE
(VCC = 3.0 V, VSS = 0 V, Ta = –20 to 85
°C, unless otherwise noted)
ns
ns
ns
ns
ns
MITSUBISHI MICROCOMPUTERS
3806 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com