công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38063M2AFP bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp

tên linh kiện M38063M2AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M2AFP bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp

Back Button M38063M2AFP Datasheet HTML 38Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 39Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 40Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 41Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 42Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 43Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 44Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 45Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
41
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Power source voltage
Input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
VREF
Input voltage
______
RESET, XIN
Input voltage
CNVSS
Output voltage P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
XOUT
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
–0.3 to 7.0
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to 13
–0.3 to VCC +0.3
500
–40 to 85
–65 to 150
V
V
V
V
V
mW
°C
°C
Unit
Ta = 25
°C
All voltage are based on VSS.
Output transistors are cut off.
Note 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an aver-
age value measured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current IOL(avg), IOH(avg) in an average value measured over 100 ms.
5.5
VCC
VCC
VCC
VCC
VCC
0.2 VCC
0.2 VCC
0.16 VCC
–80
–80
80
80
–40
–40
40
40
–10
10
–5
5
8
Power source voltage
Power source voltage
Analog reference voltage (when A-D converter is used)
Analog reference voltage (when D-A converter is used)
Analog power source voltage
Analog input voltage
AN0–AN7
“H” input voltage
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P70–P77, P80–P87
“H” input voltage
______
RESET, XIN, CNVSS
“L” input voltage
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P70–P77, P80–P87
“L” input voltage
______
RESET, CNVSS
“L” input voltage
XIN
“H” total peak output current
P00–P07, P10–P17, P20–P27, P30–P37, P80–P87 (Note 1)
“H” total peak output current
P40–P47,P50–P57, P60–P67 (Note 1)
“L” total peak output current
P00–P07, P10–P17, P20–P27, P30–P37, P80–P87 (Note 1)
“L” total peak output current
P40–P47,P50–P57, P60–P67, P70–P77 (Note 1)
“H” total average output current P00–P07, P10–P17, P20–P27, P30–P37, P80–P87 (Note 1)
“H” total average output current P40–P47,P50–P57, P60–P67 (Note 1)
“L” total average output current P00–P07, P10–P17, P20–P27, P30–P37, P80–P87 (Note 1)
“L” total average output current P40–P47,P50–P57, P60–P67, P70–P77 (Note 1)
“H” peak output current
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P80–P87 (Note 2)
“L” peak output current
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P70–P77, P80–P87 (Note 2)
“H” average output current
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P80–P87 (Note 3)
“L” average output current
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P70–P77, P80–P87 (Note 3)
Internal clock oscillation frequency
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIL
VIL
VIL
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(XIN)
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
Unit
(VCC = 4.0 to 5.5 V, Ta = –40 to 85
°C, unless otherwise noted)
4.0
2.0
4.0
AVSS
0.8 VCC
0.8 VCC
0
0
0
5.0
0
0
Typ.
Max.
ABSOLUTE MAXIMUM RATINGS (Extended operating temperature version)
RECOMMENDED OPERATING CONDITIONS (Extended operating temperature version)
RS
p
RS
p
MITSUBISHI MICROCOMPUTERS
3806 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com