công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38063M2AFP bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện M38063M2AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M2AFP bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button M38063M2AFP Datasheet HTML 15Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 16Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 17Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 18Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 19Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 20Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 21Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 22Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
MITSUBISHI MICROCOMPUTERS
3806 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
18
Fig. 9 Block diagram of timer X, timer Y, timer 1, and timer 2
Timer X latch (8)
Timer X (8)
Prescaler X latch (8)
Prescaler X (8)
Oscillator
Divider
f(XIN)
1/16
CNTR0 active
edge switch bit
P54/CNTR0 pin
Port P54
direction register
“0”
“1”
Event
counter
mode
Timer X count stop bit
CNTR0 active
edge switch
bit
Port P54
latch
Pulse output
mode
Pulse width
measurement
mode
Timer mode
Pulse output
mode
“1”
“0”
Timer X latch write pulse
Pulse output mode
To timer X interrupt
request bit
To CNTR0 interrupt
request bit
Data bus
Timer Y latch (8)
Timer Y (8)
Prescaler Y latch (8)
Prescaler Y (8)
CNTR1 active
edge switch bit
P55/CNTR1 pin
Port P55
direction register
“0”
“1”
Event
counter
mode
Timer Y count stop bit
CNTR1 active
edge switch
bit
Port P55
latch
Pulse output
mode
Pulse width
measurement
mode
Timer mode
Pulse output
mode
“1”
“0”
Timer Y latch write pulse
Pulse output mode
To timer Y interrupt
request bit
To CNTR1 interrupt
request bit
Data bus
Q
Q
R
Toggle flip- flop
T
Q
Q
R
Toggle flip- flop
T
Timer 2 latch (8)
Timer 1 latch (8)
Prescaler
12 latch (8)
Prescaler 12 (8)
Timer 2 (8)
Timer 1 (8)
Data bus
To timer 2 interrupt
request bit
To timer 1 interrupt
request bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com