công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38063M2AFP bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện M38063M2AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M2AFP bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button M38063M2AFP Datasheet HTML 9Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 10Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 11Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 12Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 13Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 14Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 15Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 16Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
MITSUBISHI MICROCOMPUTERS
3806 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
12
Pin
P00 – P07
P10 – P17
P20 – P27
P30 – P37
P40,P41
P42/INT0,
P43/INT1
P44/RXD,
P45/TXD,
P46/SCLK1,
_____
P47/SRDY1
P50
P51/INT2,
P52/INT3,
P53/INT4
P54/CNTR0,
P55/CNTR1
P56/DA1,
P57/DA2
P60/AN0 –
P67/AN7
P70/SIN2,
P71/SOUT2,
P72/SCLK2,
_____
P73/SRDY2
P74 – P77
P80 – P87
Name
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
Port P7
Port P8
Input/Output
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
I/O Format
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
N-channel open-drain output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
Non-Port Function
Address low-order byte
output
Address high-order
byte output
Data bus I/O
Control signal I/O
External interrupt input
Serial I/O1 function I/O
External interrupt input
Timer X and Timer Y
function I/O
D-A conversion output
A-D conversion input
Serial I/O2 function I/O
Ref.No.
(1)
(2)
(3)
(4)
(5)
(6)
(1)
(2)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(1)
Related SFRs
CPU mode register
CPU mode register
CPU mode register
CPU mode register
Interrupt edge selection
register
Serial I/O1 control
register
UART control register
Interrupt edge selection
register
Timer XY mode register
AD/DA control register
Serial I/O2 control
register
Note 1: For details of the functions of ports P0 to P3 in modes other than single-chip mode, and how to use double-function ports as func-
tion I/O ports, refer to the applicable sections.
2: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate.
I/O Ports
Direction registers
The 3806 group has 72 programmable I/O pins arranged in nine
I/O ports (ports P0 to P8). The I/O ports have direction registers
which determine the input/output direction of each individual pin.
Each bit in a direction register corresponds to one pin, each pin
can be set to be input port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin be-
comes an output pin.
If data is read from a pin which is set to output, the value of the
port output latch is read, not the value of the pin itself. Pins set to
input are floating. If a pin set to input is written to, only the port
output latch is written to and the pin remains floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com