công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38063M2AFP bảng dữ liệu(PDF) 48 Page - Renesas Technology Corp

tên linh kiện M38063M2AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M2AFP bảng dữ liệu(HTML) 48 Page - Renesas Technology Corp

Back Button M38063M2AFP Datasheet HTML 44Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 45Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 46Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 47Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 48Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 49Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 50Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 51Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
47
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
When STP instruction
is executed with clock
stopped, output
transistors isolated.
Note 1: P45 is measured when the P45/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2: With output transistors isolated and A-D converter having completed conversion, and not including current flowing through VREF pin.
2.0
1.0
5.0
5.0
–5.0
5.5
16
2
1
10
“H” output voltage P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67, P80–P87 (Note 1)
“L” output voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47,P50–P57,
P60–P67, P70–P77, P80–P87
Hysteresis
CNTR0, CNTR1, INT0–INT4
Hysteresis
RXD, SCLK1, SIN2, SCLK2
Hysteresis
______
RESET
“H” input current
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67, P70–P77, P80–P87
“H” input current
______
RESET, CNVSS
“H” input current
XIN
“L” input current
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
______
RESET, CNVSS
“L” input current
XIN
RAM hold voltage
Symbol
Parameter
Limits
Min.
V
Unit
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta = –20 to 85
°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (High-speed version)
VCC–2.0
VCC–1.0
0.4
0.5
0.5
4
–4
8
1.3
2
0.3
0.1
Typ.
Max.
IOH = –10 mA
VCC = 4.0 to 5.5 V
IOH = –1.0 mA
VCC = 2.7 to 5.5 V
IOL = 10 mA
VCC = 4.0 to 5.5 V
IOL = 1.0 mA
VCC = 2.7 to 5.5 V
VI = VCC
VI = VCC
VI = VCC
VI = VSS
VI = VSS
With clock stopped
f(XIN) = 10 MHz, VCC = 5 V
f(XIN) = 4 MHz, VCC = 2.7 V
When WIT instruction is executed
with f(XIN) = 10 MHz, VCC = 5 V
When WIT instruction is executed
with f(XIN) = 4 MHz, VCC = 2.7 V
Ta = 25
°C
(Note 2)
Ta = 85
°C
(Note 2)
2.0
Test conditions
A-D CONVERTER CHARACTERISTICS (High-speed version)
VT+ – VT–
VT+ – VT–
VT+ – VT–
IIH
IIH
IIH
IIL
IIL
VRAM
VOH
VOL
ICC
V
V
V
V
µA
µA
µA
µA
µA
V
Power source current
Note: When D-A conversion registers (addresses 003616 and 003716) contain “0016”.
8
±2.5
50
200
5.0
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Ladder resistor
Reference power source input current (Note)
A-D port input current
—
—
tCONV
RLADDER
IVREF
II(AD)
Symbol
Parameter
Limits
Min.
Bits
LSB
tC(
φ)
k
Ω
µA
µA
Unit
(VCC = 2.7 to 5.5 V, VSS = AVSS = 0 V, VREF = 2.0 V to VCC, Ta = –20 to 85
°C, unless otherwise noted)
50
Typ.
Max.
VREF = 5.0 V
Test conditions
±1
35
150
0.5
mA
µA
MITSUBISHI MICROCOMPUTERS
3806 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com