công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38063M2AFP bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp

tên linh kiện M38063M2AFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38063M2AFP bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp

Back Button M38063M2AFP Datasheet HTML 24Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 25Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 26Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 27Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 28Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 29Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 30Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 31Page - Renesas Technology Corp M38063M2AFP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
27
MITSUBISHI MICROCOMPUTERS
3806 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Reset Circuit
______
To reset the microcomputer, the RESET pin should be held at an
______
“L” level for 2
µs or more. Then the RESET pin is returned to an
“H” level (Note 1), reset is released. Internal operation does not
begin until after 8 to 13 XIN clock cycles are completed. After the
reset is completed, the program starts from the address contained
in address FFFD16 (high-order byte) and address FFFC16 (low-or-
der byte).
Make sure that the reset input voltage is less than 0.8 V for VCC of
4.0 V (Note 2).
Note 1. The power source voltage should be between the follow-
ing voltage.
• Between 3.0 V and 5.5 V for standard version
• Between 4.0 V and 5.5 V for extended operating tem-
perature version
• Between 2.7 V and 5.5 V for high-speed version
Note 2. Reset input voltage is less than the following voltage.
• 0.6 V for VCC = 3.0 V
• 0.8 V for VCC = 4.0 V
• 0.54 V for VCC = 2.7 V
Fig. 23 Internal status of microcomputer after reset
Fig. 22 Example of reset circuit
4.0V
0.8V
0V
0V
VCC
RESET
Power source
voltage
Reset input
voltage
VSS
M51953AL
4
5
1
3
0.1
µ F
3806 group
Note. ! : Undefined
V : The initial values of CM1 are determined by the level at the
CNVSS pin.
The contents of all other registers and RAM are undefined
after a reset, so they must be initialized by software.
Register contents
(000116) • • •
Timer 2
Port P0 direction register
Port P1 direction register
Port P2 direction register
Port P3 direction register
Port P4 direction register
Port P5 direction register
Port P6 direction register
Port P7 direction register
Port P8 direction register
Timer XY mode register
Serial I/O1 status register
Serial I/O1 control register
UART control register
Serial I/O2 control register
Timer 1
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(27)
(28)
(29)
(30)
(31)
(32)
(000316) • • •
(000516) • • •
(000716) • • •
(000916) • • •
(000B16) • • •
(000D16) • • •
(000F16) • • •
(001116) • • •
(001916) • • •
(001A16) • • •
(001B16) • • •
(001D16) • • •
(002016) • • •
(002116) • • •
(002216) • • •
(002316) • • •
(002416) • • •
(002516) • • •
(002616) • • •
(002716) • • •
(003416) • • •
(003616) • • •
(003716) • • •
(003A16) • • •
(003B16) • • •
(003C16) • • •
(003D16) • • •
(003E16) • • •
Address
Prescaler 12
Prescaler X
Timer X
Prescaler Y
Timer Y
AD/DA control register
D-A1 conversion register
D-A2 conversion register
Interrupt edge selection register
CPU mode register
Interrupt request register 1
Interrupt request register 2
Interrupt control register 1
Interrupt control register 2
Processor status register
Program counter
0016
0016
0016
0016
00 0 0 0 0
0
V
0016
0016
0016
00 0 0 1 0
0
0
FF16
FF16
FF16
FF16
0016
FF16
0116
FF16
0016
0016
0016
0016
0016
11 1 0 0 0
0
0
10 0 0 0 0
0
0
0016
0016
0016
Contents of address FFFC16
!! !! ! 1
!
!
(PS)
(PCH)
(PCL)
Contents of address FFFD16
0016
0016
0016
(003F16) • • •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com