công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8122VT8000 bảng dữ liệu(PDF) 14 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8122VT8000
Giải thích chi tiết về linh kiện  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122VT8000 bảng dữ liệu(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MSC8122VT8000 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 15
Electrical Characteristics
Freescale Semiconductor
14
2.2
Recommended Operating Conditions
Table 3 lists recommended operating conditions. Proper device operation outside of these conditions is not guaranteed.
2.3
Thermal Characteristics
Table 4 describes thermal characteristics of the MSC8122 for the FC-PBGA packages.
Section 3.5, Thermal Considerations provides a detailed explanation of these characteristics.
Table 3. Recommended Operating Conditions
Rating
Symbol
Value
Unit
Core and PLL supply voltage:
• Standard
— 400 MHz
— 500 MHz
• Reduced (300 and 400 MHz)
VDD
VCCSYN
1.14 to 1.26
1.16 to 1.24
1.07 to 1.13
V
V
V
I/O supply voltage
VDDH
3.135 to 3.465
V
Input voltage
VIN
–0.2 to VDDH+0.2
V
Operating temperature range:
• Standard
• Extended
TJ
TJ
0 to 90
–40 to 105
°C
°C
Table 4. Thermal Characteristics for the MSC8122
Characteristic
Symbol
FC-PBGA
20
× 20 mm5
Unit
Natural
Convection
200 ft/min
(1 m/s) airflow
Junction-to-ambient1, 2
RθJA
26
21
°C/W
Junction-to-ambient, four-layer board1, 3
RθJA
19
15
°C/W
Junction-to-board (bottom)4
RθJB
9
°C/W
Junction-to-case5
RθJC
0.9
°C/W
Junction-to-package-top6
ΨJT
1
°C/W
Notes:
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3.
Per JEDEC JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD 51-8. Board temperature is measured on
the top surface of the board near the package.
5.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com