công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8122VT8000 bảng dữ liệu(PDF) 41 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8122VT8000
Giải thích chi tiết về linh kiện  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122VT8000 bảng dữ liệu(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MSC8122VT8000 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Hardware Design Considerations
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 15
Freescale Semiconductor
41
Figure 34. For optimal noise filtering, place the circuit as close as possible to VCCSYN. The 0.01-µF capacitor should be closest
to VCCSYN, followed by the 10-µF capacitor, the 10-nH inductor, and finally the 10-Ω resistor to VDD. These traces should be
kept short and direct. Provide an extremely low impedance path to the ground plane for GNDSYN. Bypass GNDSYN to VCCSYN
by a 0.01-µF capacitor located as close as possible to the chip package. For best results, place this capacitor on the backside of
the PCB aligned with the depopulated void on the MSC8122 located in the square defined by positions, L11, L12, L13, M11,
M12, M13, N11, N12, and N13.
3.3
Connectivity Guidelines
Unused output pins can be disconnected, and unused input pins should be connected to the non-active value, via resistors to
VDDH or GND, except for the following:
If the DSI is unused (DDR[DSIDIS] is set), HCS and HBCS must pulled up and all the rest of the DSI signals can be
disconnected.
When the DSI uses synchronous mode, HTA must be pulled up. In asynchronous mode, HTA should be pulled either
up or down, depending on design requirements.
HDST
can be disconnected if the DSI is in big-endian mode, or if the DSI is in little-endian mode and the
DCR[DSRFA] bit is set.
When the DSI is in 64-bit data bus mode and DCR[BEM] is cleared, pull up HWBS[1–3]/HDBS[1–3]/HWBE[1–3]/
HDBE[1–3]
and HWBS[4–7]/HDBS[4–7]/HWBE[4–7]/HDBE[4–7]/PWE[4–7]/PSDDQM[4–7]/PBS[4–7].
When the DSI is in 32-bit data bus mode and DCR[BEM] is cleared, HWBS[1–3]/HDBS[1–3]/HWBE[1–3]/HDBE[1–3]
must be pulled up.
When the DSI is in asynchronous mode, HBRST and HCLKIN should either be disconnected or pulled up.
When the DSI uses sliding window address mode (DCR[SLDWA] = 1), the external HA[11–13] signals must be
connected (tied) to the correct voltage levels so that the host can perform the first access to the DCR. After reset, the
DSI expects full address mode (DCR[SLDWA] = 0). The DCR address in the DSI memory map is 0x1BE000, which
requires the following connections:
— HA11 must be pulled high (1)
— HA12 must be pulled high (1)
— HA13 must be pulled low (0)
The following signals must be pulled up: HRESET, SRESET, ARTRY, TA, TEA, PSDVAL, and AACK.
In single-master mode (BCR[EBM] = 0) with internal arbitration (PPC_ACR[EARB] = 0):
BG, DBG, and TS can be left unconnected.
EXT_BG[2–3], EXT_DBG[2–3], and GBL can be left unconnected if they are multiplexed to the system bus
functionality. For any other functionality, connect the signal lines based on the multiplexed functionality.
BR must be pulled up.
EXT_BR[2–3] must be pulled up if multiplexed to the system bus functionality.
If there is an external bus master (BCR[EBM] = 1):
BR, BG, DBG, and TS must be pulled up.
EXT_BR[2–3], EXT_BG[2–3], and EXT_DBG[2–3] must be pulled up if multiplexed to the system bus
functionality.
In single-master mode, ABB and DBB can be selected as IRQ inputs and be connected to the non-active value. In other
modes, they must be pulled up.
Figure 34. VCCSYN Bypass
VDD
0.01 µF
10 µF
VCCSYN
10
Ω
10nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com