công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8122VT8000 bảng dữ liệu(PDF) 40 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8122VT8000
Giải thích chi tiết về linh kiện  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122VT8000 bảng dữ liệu(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MSC8122VT8000 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 15
Hardware Design Considerations
Freescale Semiconductor
40
•
Never allow VDD to exceed VDDH + 0.8V.
•
Design the VDDH supply to prevent reverse current flow by adding a minimum 10 Ω resistor to GND to limit the
current. Such a design yields an initial VDDH level of VDD – 0.8 V before it is enabled.
After power-up, VDDH must not exceed VDD/VCCSYN by more than 2.6 V.
3.2
Power Supply Design Considerations
When used as a drop-in replacement in MSC8102 applications or when implementing a new design, use the guidelines
described in Migrating Designs from the MSC8102 to the MSC8122 (AN2716) and the MSC8122 Design Checklist (AN3374
for optimal system performance. MSC8122 and MSC8126 Power Circuit Design Recommendations and Examples (AN2937)
provides detailed design information. See Section 2.5.2 for start-up timing specifications.
Figure 33 shows the recommended power decoupling circuit for the core power supply. The voltage regulator and the
decoupling capacitors should supply the required device current without any drop in voltage on the device pins. The voltage on
the package pins should not drop below the minimum specified voltage level even for a very short spikes. This can be achieved
by using the following guidelines:
•
For the core supply, use a voltage regulator rated at 1.2 V with nominal rating of at least 3 A. This rating does not
reflect actual average current draw, but is recommended because it resists changes imposed by transient spikes and has
better voltage recovery time than supplies with lower current ratings.
•
Decouple the supply using low-ESR capacitors mounted as close as possible to the socket. Figure 33 shows three
capacitors in parallel to reduce the resistance. Three capacitors is a recommended minimum number. If possible, mount
at least one of the capacitors directly below the MSC8122 device.
Each VCC and VDD pin on the MSC8122 device should have a low-impedance path to the board power supply. Similarly, each
GND
pin should have a low-impedance path to the ground plane. The power supply pins drive distinct groups of logic on the
chip. The VCC power supply should have at least four 0.1 µF by-pass capacitors to ground located as closely as possible to the
four sides of the package. The capacitor leads and associated printed circuit traces connecting to chip VCC, VDD, and GND should
be kept to less than half an inch per capacitor lead. A four-layer board is recommended, employing two inner layers as VCC and
GND
planes.
All output pins on the MSC8122 have fast rise and fall times. PCB trace interconnection length should be minimized to
minimize undershoot and reflections caused by these fast output switching times. This recommendation particularly applies to
the address and data buses. Maximum PCB trace lengths of six inches are recommended. For the DSI control signals in
synchronous mode, ensure that the layout supports the DSI AC timing requirements and minimizes any signal crosstalk.
Capacitance calculations should consider all device loads as well as parasitic capacitances due to the PCB traces. Attention to
proper PCB layout and bypassing becomes especially critical in systems with higher capacitive loads because these loads create
higher transient currents in the VCC, VDD, and GND circuits. Pull up all unused inputs or signals that will be inputs during reset.
Special care should be taken to minimize the noise levels on the PLL supply pins. There is one pair of PLL supply pins:
VCCSYN-GNDSYN. To ensure internal clock stability, filter the power to the VCCSYN input with a circuit similar to the one in
Figure 33. Core Power Supply Decoupling
+
-
Power supply
or
Voltage Regulator
High frequency capacitors
(very low ESR and ESL)
Bulk/Tantalum capacitors
with low ESR and ESL
MSC8122
Maximum IR drop
of 15 mV at 1 A
Note: Use at least three capacitors.
Lmax = 2 cm
One 0.01 µF capacitor
for every 3 core supply
(Imin = 3 A)
pads.
1.2 V
Each capacitor must be at least 150
μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com