công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8122VT8000 bảng dữ liệu(PDF) 42 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8122VT8000
Giải thích chi tiết về linh kiện  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122VT8000 bảng dữ liệu(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MSC8122VT8000 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 15
Hardware Design Considerations
Freescale Semiconductor
42
Note:
The MSC8122 does not support DLL-enabled mode. For the following two clock schemes, ensure that the DLL is
disabled (that is, the DLLDIS bit in the Hard Reset Configuration Word is set).
•
If no system synchronization is required (for example, the design does not use SDRAM), you can use any of the
available clock modes.
•In the CLKIN synchronization mode, use the following connections:
— Connect the oscillator output through a buffer to CLKIN.
— Connect the CLKIN buffer output to the slave device (for example, SDRAM) making sure that the delay path
between the clock buffer to the MSC8122 and the SDRAM is equal (that is, has a skew less than 100 ps).
— Valid clock modes in this scheme are: 0, 7, 15, 19, 21, 23, 28, 29, 30, and 31.
•In CLKOUT synchronization mode (for 1.2 V devices), CLKOUT is the main clock to SDRAM. Use the following
connections:
— Connect the oscillator output through a buffer to CLKIN.
— Connect CLKOUT through a zero-delay buffer to the slave device (for example, SDRAM) using the following
guidelines:
–
The maximum delay between the slave and CLKOUT must not exceed 0.7 ns.
–
The maximum load on CLKOUT must not exceed 10 pF.
–
Use a zero-delay buffer with a jitter less than 0.3 ns.
— All clock modes are valid in this clock scheme.
Note:
See the Clock chapter in the MSC8122 Reference Manual for details.
•
If the 60x-compatible system bus is not used and SIUMCR[PBSE] is set, PPBS can be disconnected. Otherwise, it
should be pulled up.
•
The following signals: SWTE, DSISYNC, DSI64, MODCK[1–2], CNFGS, CHIPID[0–3], RSTCONF and BM[0–2] are
used to configure the MSC8122 and are sampled on the deassertion of the PORESET signal. Therefore, they should
be tied to GND or VDDH or through a pull-down or a pull-up resistor until the deassertion of the PORESET signal.
•
When they are used, INT_OUT (if SIUMCR[INTODC] is cleared), NMI_OUT, and IRQxx (if not full drive) signals must
be pulled up.
•
When the Ethernet controller is enabled and the SMII mode is selected, GPIO10 and GPIO14 must not be connected
externally to any signal line.
Note:
For details on configuration, see the MSC8122 User’s Guide and MSC8122 Reference Manual. For additional
information, refer to the MSC8122 Design Checklist (AN2787)..
3.4
External SDRAM Selection
The external bus speed implemented in a system determines the speed of the SDRAM used on that bus. However, because of
differences in timing characteristics among various SDRAM manufacturers, you may have use a faster speed rated SDRAM to
assure efficient data transfer across the bus. For example, for 166 MHz operation, you may have to use 183 or 200 MHz
SDRAM. Always perform a detailed timing analysis using the MSC8122 bus timing values and the manufacturer specifications
for the SDRAM to ensure correct operation within your system design. The output delay listed in SDRAM specifications is
usually given for a load of 30 pF. Scale the number to your specific board load using the typical scaling number provided by
the SDRAM manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com