| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20-C1 bảng dữ liệu(PDF) 149 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 bảng dữ liệu(HTML) 149 Page - STMicroelectronics |
|
149 / 205 page ![]() 149/205 8 Instruction Set Reference ® statusset set bits in status register Code: 22 F6 Description: Set the bits of the Status Register which are set in Areg. The initial Status Register value is returned in the Areg. Definition: Areg ′← Status Status ′← Status ∨ Areg Status Register: The bits of Areg which are set will be set in the Status Register. Comments: Secondary instruction. See also: statusclr statustst section 4.12. |