công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S7G2 bảng dữ liệu(PDF) 95 Page - Renesas Technology Corp

tên linh kiện S7G2
Giải thích chi tiết về linh kiện  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 bảng dữ liệu(HTML) 95 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 91Page - Renesas Technology Corp S7G2 Datasheet HTML 92Page - Renesas Technology Corp S7G2 Datasheet HTML 93Page - Renesas Technology Corp S7G2 Datasheet HTML 94Page - Renesas Technology Corp S7G2 Datasheet HTML 95Page - Renesas Technology Corp S7G2 Datasheet HTML 96Page - Renesas Technology Corp S7G2 Datasheet HTML 97Page - Renesas Technology Corp S7G2 Datasheet HTML 98Page - Renesas Technology Corp S7G2 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 95 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
Note:
These specification values apply when there is no access to the external bus during A/D conversion. If access
occurs during A/D conversion, values might not fall within the indicated ranges.
Note 1. The conversion time includes the sampling and comparison times. The number of sampling states is indicated for
the test conditions.
Note 2. Values in parentheses indicate the sampling time.
Table 2.42
A/D conversion characteristics for unit 1
Conditions: PCLKC = 1 to 60 MHz
Parameter
Min
Typ
Max
Unit
Test conditions
Frequency
1
-
60
MHz
-
Analog input capacitance
-
-
30
pF
-
Quantization error
-
±0.5
-
LSB
-
Resolution
-
-
12
Bits
-
Channel-dedicated
sample-and-hold
circuits in use
(AN100 to AN102)
Conversion time*1
(operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
1.06
(0.4 + 0.25)*2
--
μs
 Sampling of channel-
dedicated sample-and-hold
circuits in 24 states
 Sampling in 15 states
Offset error
-
±1.5
±3.5
LSB
AN100 to AN102 = 0.25 V
Full-scale error
-
±1.5
±3.5
LSB
AN100 to AN102 =
VREFH - 0.25 V
Absolute accuracy
-
±2.5
±5.5
LSB
-
DNL differential nonlinearity error
-
±1.0
±2.0
LSB
-
INL integral nonlinearity error
-
±1.5
±3.0
LSB
-
Holding characteristics of sample-and hold
circuits
--
20
μs-
Dynamic range
0.25
-
VREFH -
0.25
V-
Channel-dedicated
sample-and-hold
circuits not in use
(AN100 to AN102)
Conversion time*1
(Operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.88
(0.667)*2
--
μs
Sampling in 40 states
Offset error
-
±1.0
±2.5
LSB
-
Full-scale error
-
±1.0
±2.5
LSB
-
Absolute accuracy
-
±2.0
±4.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±1.5
LSB
-
INL integral nonlinearity error
-
±1.0
±2.5
LSB
-
High-precision
channels
(AN103 to AN106)
Conversion time*1
(Operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.48
(0.267)*2
--
μs
Sampling in 16 states
Max. = 300Ω
0.40
(0.183)*2
--
μs
Sampling in 11 states
VCC = AVCC0 = 3.0 to 3.6 V
3.0 V ≤ VREFH ≤ AVCC0
Offset error
-
±1.0
±2.5
LSB
-
Full-scale error
-
±1.0
±2.5
LSB
-
Absolute accuracy
-
±2.0
±4.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±1.5
LSB
-
INL integral nonlinearity error
-
±1.0
±2.5
LSB
-
Normal-precision
channels
(AN116 to AN120)
Conversion time*1
(Operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.88
(0.667)*2
--
μs
Sampling in 40 states
Offset error
-
±1.0
±5.5
LSB
-
Full-scale error
-
±1.0
±5.5
LSB
-
Absolute accuracy
-
±2.0
±7.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±4.5
LSB
-
INL integral nonlinearity error
-
±1.0
±5.5
LSB
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com