| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S7G2 bảng dữ liệu(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
S7G2 bảng dữ liệu(HTML) 52 Page - Renesas Technology Corp |
|
52 / 117 page ![]() R01DS0262EU0150 Rev.1.50 Page 52 of 117 Sep 24, 2025 S7G2 Datasheet 2. Electrical Characteristics 2.3.5 NMI and IRQ Noise Filter Note: 200 ns minimum in Software Standby mode. Note: If the clock source is switched, add 4 clock cycles of the switched source. Note 1. tPcyc indicates the PCLKB cycle. Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock. Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock. Figure 2.14 NMI interrupt input timing Figure 2.15 IRQ interrupt input timing Table 2.18 NMI and IRQ noise filter Parameter Symbol Min Typ Max Unit Test conditions NMI pulse width tNMIW 200 - - ns NMI digital filter disabled tPcyc × 2 ≤ 200 ns tPcyc × 2*1 -- tPcyc × 2 > 200 ns 200 - - NMI digital filter enabled tNMICK × 3 ≤ 200 ns tNMICK × 3.5*2 -- tNMICK × 3 > 200 ns IRQ pulse width tIRQW 200 - - ns IRQ digital filter disabled tPcyc × 2 ≤ 200 ns tPcyc × 2*1 -- tPcyc × 2 > 200 ns 200 - - IRQ digital filter enabled tIRQCK × 3 ≤ 200 ns tIRQCK × 3.5*3 -- tIRQCK × 3 > 200 ns tNMIW NMI tIRQW IRQ |