công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F103X6 bảng dữ liệu(PDF) 48 Page - STMicroelectronics

tên linh kiện STM32F103X6
Giải thích chi tiết về linh kiện  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X6 bảng dữ liệu(HTML) 48 Page - STMicroelectronics

Back Button STM32F103X6_08 Datasheet HTML 44Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 45Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 46Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 47Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 48Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 49Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 50Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 51Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
Electrical characteristics
STM32F103xx
48/84
5.3.7
Internal clock source characteristics
The parameters given in Table 23 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 7.
High-speed internal (HSI) RC oscillator
LSI Low Speed Internal RC Oscillator
Table 23.
HSI oscillator characteristics(1)
1.
VDD = 3.3 V, TA = −40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
8
MHz
ACCHSI Accuracy of HSI oscillator
TA = –40 to 105 °C
±1
±3%
TA = –10 to 85 °C
±1
±2.5
%
TA = 0 to 70 °C
±1
±2.2
%
at TA = 25°C
±1
±2%
tsu(HSI)
HSI oscillator start up time
1
2
µs
IDD(HSI)
HSI oscillator power
consumption
80
100
µA
Table 24.
LSI oscillator characteristics (1)
1.
VDD = 3 V, TA = −40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min(2)
2.
Value based on device characterization, not tested in production.
Typ
Max
Unit
fLSI
Frequency
30
40
60
kHz
tsu(LSI)
LSI oscillator startup time
85
µs
IDD(LSI)
LSI oscillator power
consumption
0.65
1.2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com