công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 364 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 364 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 360Page - NEC MPD78CP14KB Datasheet HTML 361Page - NEC MPD78CP14KB Datasheet HTML 362Page - NEC MPD78CP14KB Datasheet HTML 363Page - NEC MPD78CP14KB Datasheet HTML 364Page - NEC MPD78CP14KB Datasheet HTML 365Page - NEC MPD78CP14KB Datasheet HTML 366Page - NEC MPD78CP14KB Datasheet HTML 367Page - NEC MPD78CP14KB Datasheet HTML 368Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 373 page
background image
APPENDIX A
INTRODUCTION TO PIGGYBACK PRODUCT
346
A.3 Memory Mapping Register (MM)
This is an 8-bit register in which the function of specifying the piggyback EPROM access address (MM6 & MM7)
is added to the control functions of the
µPD78C11A/78C12A/78C14.
The configuration of the memory mapping register is shown in Figure A-4.
When MM7 and MM6 are set to 00, piggyback EPROM addresses 0000H to 3FFFH (16K bytes) are accessed,
and the external memory capacity is 48K bytes. When set to 10, addresses 0000H to 0FFFH (4K bytes) are accessed,
and thus the external memory capacity is 60K bytes.
The MM7 and MM6 bits are only valid in the
µPD78CG14/78CP14Note; if data is written to these bits in the
µPD78C11A/78C12A/78C14, it is ignored by the CPU. Therefore, a program developed in piggyback mode can be
transferred without modification to mask ROM.
In the
µPD78CG14, MM7, MM6, MM2, MM1 and MM0 are initialized to 0 by RESET input. Therefore, the
µPD78C14 starts operating in single-chip mode.
Also, the RAE bit is undefined after RESET input, and must be initialized at the start of the program.
Note See CHAPTER 12 PROM ACCESSES (
µPD78CP18/78CP14 ONLY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com