công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 360 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 360 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 356Page - NEC MPD78CP14KB Datasheet HTML 357Page - NEC MPD78CP14KB Datasheet HTML 358Page - NEC MPD78CP14KB Datasheet HTML 359Page - NEC MPD78CP14KB Datasheet HTML 360Page - NEC MPD78CP14KB Datasheet HTML 361Page - NEC MPD78CP14KB Datasheet HTML 362Page - NEC MPD78CP14KB Datasheet HTML 363Page - NEC MPD78CP14KB Datasheet HTML 364Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 373 page
background image
APPENDIX A
INTRODUCTION TO PIGGYBACK PRODUCT
342
A.1.2 Upper pins (27C256/27C256A compatible)
Pin Name
Input/Output
Function
After Reset
A0 to A13
Output
Outputs 14 bits (PC0 to PC13) of program counter
Undefined
comprising 27C256/27C256A address signals (A0 to A13).
I0 to I7
Input
Inputs data (00 to 07) read from 27C256/27C256A.
CE (20)
Output
Supplies chip enable signal to 27C256/27C256A CE pin.
High in hardware/software STOP & HALT mode, low at
all other times.
VDD (1)
Supplies VCC power supply (VPP) to 27C256/27C256A at
same potential as lower VDD pin.
VDD (28)
Supplies VCC power supply (VCC) to 27C256/27C256A at
same potential as lower VDD pin.
VSS (14)
Connected to 27C256/27C256A GND pin at same
potential as lower VSS pin.
VSS (22)
Supplies OE signal (always low) to 27C256/27C256A at
same potential as lower VSS pin.
VSS (27)
Supplies A14 signal (always low) to 27C256/27C256A at
same potential as lower VSS pin.
A.2 Memory Configuration
The memory of the
µPD78CG14 allows implementation of the same functions and configuration as the µPD78C11A/
78C12A/78C14. Also, the piggyback EPROM address range can be selected by means of the memory mapping
register for efficient setting of external memory (excluding EPROM).
The vector addresses, call table area and data memory area are the same for all three product types.
The memory maps are shown in Figures A-1 to A-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com